Electronic Components Datasheet Search
  English  ▼

X  

PE44538 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44538
Description  7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44538 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44538 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44538 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44538 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment For PE-C400, PE-B400, PE-B405,
LMR-400, LMR-400-DB, LMR-400-UF
Configuration
Connector
7/16 DIN Male
Connector Interface Type
PE-C400,PE-B400,PE-B405,LMR-400,LMR-400-
DB,LMR-400-UF
Cable Attachment Method (Shield/Contact)
Crimp/Non-Solder Contact
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.89 [48.01]
Width/Dia., in [mm]
1.25 [31.75]
.
Weight, lbs [g]
0.225 [102.06]
Connector
Type
7/16 DIN Male
Contact Material and Plating
Brass, Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size, in.
1 1/4
Body Material and Plating
Tri-Metal
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment For PE-C400, PE-B400, PE-
B405, LMR-400, LMR-400-DB, LMR-400-UF PE44538
PE44538
PE44538 REV 01
7/16 DIN Male Connector Crimp/Non-Solder Contact
Attachment For PE-C400, PE-B400, PE-B405,
LMR-400, LMR-400-DB, LMR-400-UF


Similar Part No. - PE44538

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4453 PASTERNACK-PE4453 Datasheet
209Kb / 2P
TNC Male Right Angle Connector Crimp - Solder Attachment For RG59, RG62
PE4453 PASTERNACK-PE4453 Datasheet
318Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE44530 PASTERNACK-PE44530 Datasheet
269Kb / 2P
N Female Bulkhead Connector Crimp/Solder Attachment For PE-C400, 0.400 inch, .640 inch DD Hole
PE44531 PASTERNACK-PE44531 Datasheet
218Kb / 3P
N Female Bulkhead Connector Crimp/Solder Attachment For PE-C600, LMR-600, .640 inch DD Hole
PE44532 PASTERNACK-PE44532 Datasheet
206Kb / 2P
N Female Connector Crimp/Solder Attachment For PE-C195, RG58, RG141, RG303, PE-P195, LMR-195
More results

Similar Description - PE44538

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44293 PASTERNACK-PE44293 Datasheet
229Kb / 3P
TNC Male Connector Crimp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE4550 PASTERNACK-PE4550 Datasheet
264Kb / 3P
N Male Connector Crimp/Solder Attachment For PEB400 PE-B405, PE-C400, LMR-400, 0.400 inch
PE44054 PASTERNACK-PE44054 Datasheet
206Kb / 2P
UHF Male Connector Crimp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE44294 PASTERNACK-PE44294 Datasheet
170Kb / 2P
BNC Male Connector Crimp-Solder Attachment For LMR-400, PE-C400
PE44522 PASTERNACK-PE44522 Datasheet
256Kb / 2P
N Male Connector Crimp-Solder Attachment For PE-C400, 0.400 inch, PE-B400, PE-B405, LMR-400
PE44666 PASTERNACK-PE44666 Datasheet
215Kb / 3P
RP SMA Male Connector Crimp - Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400, LMR-400-DB, LMR-400-UF
PE44667 PASTERNACK-PE44667 Datasheet
211Kb / 2P
RP SMA Female Connector Crimp - Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400, LMR-400-DB, LMR-400-UF
PE44673 PASTERNACK-PE44673 Datasheet
208Kb / 2P
RP TNC Female Connector Crimp - Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
PE44542 PASTERNACK-PE44542 Datasheet
214Kb / 3P
7/16 DIN Male Right Angle Connector Crimp/Solder Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
PE45223 PASTERNACK-PE45223 Datasheet
366Kb / 3P
QN Male Right Angle Snap-On Connector Crimp/Solder Attachment for LMR-400, PE-C400, LMR-400-DB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com