Electronic Components Datasheet Search
  English  ▼

X  

PE44539 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44539
Description  7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment For PE-C600, LMR-600
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44539 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44539 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44539 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment For PE-C600, LMR-600
Configuration
Connector
7/16 DIN Male
Connector Interface Type
PE-C600,LMR-600
Cable Attachment Method (Shield/Contact)
Crimp/Non-Solder Contact
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
2.01 [51.05]
Width/Dia., in [mm]
1.25 [31.75]
.
Weight, lbs [g]
0.11 [49.9]
Connector
Type
7/16 DIN Male
Contact Material and Plating
Beryllium Copper, Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size, in.
1 1/4
Torque, ft-lbs [Nm]
18.417 [24.97]
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment For PE-C600, LMR-600 from Pasternack Enterprises
has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment For PE-C600, LMR-600 PE44539
URL: http://www.pasternack.com/7-16-male-standard-pe-c600-0.600-connector-pe44539-p.aspx
PE44539
PE44539 REV 01
7/16 DIN Male Connector Crimp/Non-Solder
Contact Attachment For PE-C600, LMR-600


Similar Part No. - PE44539

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4453 PASTERNACK-PE4453 Datasheet
209Kb / 2P
TNC Male Right Angle Connector Crimp - Solder Attachment For RG59, RG62
PE4453 PASTERNACK-PE4453 Datasheet
318Kb / 3P
TNC Male Right Angle Connector Crimp/Solder Attachment
PE44530 PASTERNACK-PE44530 Datasheet
269Kb / 2P
N Female Bulkhead Connector Crimp/Solder Attachment For PE-C400, 0.400 inch, .640 inch DD Hole
PE44531 PASTERNACK-PE44531 Datasheet
218Kb / 3P
N Female Bulkhead Connector Crimp/Solder Attachment For PE-C600, LMR-600, .640 inch DD Hole
PE44532 PASTERNACK-PE44532 Datasheet
206Kb / 2P
N Female Connector Crimp/Solder Attachment For PE-C195, RG58, RG141, RG303, PE-P195, LMR-195
More results

Similar Description - PE44539

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44547 PASTERNACK-PE44547 Datasheet
283Kb / 2P
7/16 DIN Female Connector Crimp/Solder Attachment For PE-C600, 0.600 inch
PE44543 PASTERNACK-PE44543 Datasheet
215Kb / 3P
7/16 DIN Male Right Angle Connector Crimp/ Solder Attachment For PE-C600, 0.600 inch
PE44454 PASTERNACK-PE44454 Datasheet
250Kb / 2P
N Male Connector Crimp/Solder Attachment For PE-C600
PE44538 PASTERNACK-PE44538 Datasheet
216Kb / 3P
7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment For PE-C400, PE-B400, PE-B405, LMR-400, LMR-400-DB, LMR-400-UF
PE44541 PASTERNACK-PE44541 Datasheet
263Kb / 2P
7/16 DIN Male Right Angle Connector Crimp/Solder Attachment For PE-C240, LMR-240, RG8X
PE44551 PASTERNACK-PE44551 Datasheet
276Kb / 2P
7/16 DIN Female Bulkhead Connector Crimp/Solder Attachment For PE-C600, LMR-600, 1.161 inch DD Hole
PE44994 PASTERNACK-PE44994 Datasheet
224Kb / 2P
7/16 DIN Male Connector Crimp/Solder Attachment For PE-C240, LMR-240, RG8X
PE45001 PASTERNACK-PE45001 Datasheet
402Kb / 3P
7/16 DIN Male Connector Crimp/Non-Solder Contact Attachment for LMR-600, PE-C600
PE45046 PASTERNACK-PE45046 Datasheet
454Kb / 3P
7/16 DIN Male Right Angle Connector Crimp/Solder Attachment for LMR-195, PE-C195, PE-P195
PE4571 PASTERNACK-PE4571_16 Datasheet
346Kb / 3P
7/16 DIN Male Connector Crimp/Solder Attachment
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com