Electronic Components Datasheet Search
  English  ▼

X  

SL2015 Datasheet(PDF) 15 Page - Mitel Networks Corporation

Part # SL2015
Description  Full Band Satellite Tuner
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL2015 Datasheet(HTML) 15 Page - Mitel Networks Corporation

Back Button SL2015 Datasheet HTML 9Page - Mitel Networks Corporation SL2015 Datasheet HTML 10Page - Mitel Networks Corporation SL2015 Datasheet HTML 11Page - Mitel Networks Corporation SL2015 Datasheet HTML 12Page - Mitel Networks Corporation SL2015 Datasheet HTML 13Page - Mitel Networks Corporation SL2015 Datasheet HTML 14Page - Mitel Networks Corporation SL2015 Datasheet HTML 15Page - Mitel Networks Corporation SL2015 Datasheet HTML 16Page - Mitel Networks Corporation SL2015 Datasheet HTML 17Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
SL2015
ABSOLUTE MAXIMUM RATINGS
All voltages are referred to V
EE =
0V (pins 1,2,9,11,14)
Supply voltages V
CC
5,6,17
-0.3
7
V
Transient
RF input voltage
3,4
2.5
Vp-p
RF input DC offset
3,4
-0.3
V
CC+0.3
V
Tank inputs DC offset
7,8
-0.3
V
CC+0.3
V
LO output drive DC offset
15, 16
-0,3
V
CC+0.3
V
IF-OP-SEL input DC offset
10
-0.3
V
CC+0.3
IF outputs 1 and 2 DC offset
12, 13
-0.3
V
CC+0.3
V
18, 19
AGC Control input DC offset
20
-0.3
V
CC+0.3
V
Storage temperature
-55
+150
°C
Junction temperature
+150
°C
QP20 thermal resistance
100
°C/W
Power consumption at V
CC=5.25V
580
mW
ESD protection
ALL
1.75
kV
Mil std 883 latest revision
method 3015 class 1.
Parameter
Value
Min
Max
Units
Conditions
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com