Electronic Components Datasheet Search
  English  ▼

X  

PE44561 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44561
Description  7/16 DIN Female Connector Clamp/Solder Attachment For 7/8 inch Helical
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44561 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44561 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44561 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44561 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
7/16 DIN Female Connector Clamp/Solder Attachment For 7/8 inch Helical
Configuration
Connector
7/16 DIN Female
Connector Specification
IEC60169-4
Connector Interface Type
7/8 inch Helical
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 3
Impedance, Ohms
50
Maximum Return Loss, dB
28
Maximum Operating Voltage, Volts
2,700
Frequency 1
Frequency, GHz
DC to 2
Insertion Loss, dB
0.05
Power Handling, Watts
400
Mechanical Specifications
Temperature
Operating Range, deg C
-40 to +85
Size
Length, in [mm]
2.55 [64.77]
Width/Dia., in [mm]
1.36 [34.54]
.
Weight, lbs [Kg]
7.9 [3.58]
Connector
Type
7/16 DIN Female
Contact Material and Plating
Beryllium Copper, Silver
Contact Plating Specification
5µ in. Minimum
Body Material and Plating
Brass, Tri-Metal
Body Plating Specification
2µ in. Minimum
Dielectric Type
TPX
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 7/16 DIN Female Connector Clamp/Solder Attachment For 7/8 inch Helical PE44561
PE44561
PE44561 REV 1.1
7/16 DIN Female Connector Clamp/Solder
Attachment For 7/8 inch Helical


Similar Part No. - PE44561

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4456 PASTERNACK-PE4456 Datasheet
416Kb / 3P
TNC Male Right Angle Connector Clamp/Solder Attachment
PE44560 PASTERNACK-PE44560 Datasheet
233Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 1/2 inch Helical
PE44562 PASTERNACK-PE44562 Datasheet
318Kb / 2P
N Male Connector Clamp/Solder Attachment For 1/2 inch Annular
PE44563 PASTERNACK-PE44563 Datasheet
336Kb / 2P
N Male Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44564 PASTERNACK-PE44564 Datasheet
225Kb / 3P
N Male Right Angle Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
More results

Similar Description - PE44561

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44556 PASTERNACK-PE44556 Datasheet
343Kb / 2P
N Female Connector Clamp/Solder Attachment For 7/8 inch Helical
PE44557 PASTERNACK-PE44557 Datasheet
349Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For 1/2 inch Helical
PE44571 PASTERNACK-PE44571 Datasheet
369Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44553 PASTERNACK-PE44553 Datasheet
215Kb / 2P
N Male Connector Clamp/Solder Attachment For 7/8 inch Helical
PE44568 PASTERNACK-PE44568 Datasheet
215Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Annular
PE44291 PASTERNACK-PE44291 Datasheet
232Kb / 2P
7/16 DIN Female Connector Clamp/Solder Attachment
PE44558 PASTERNACK-PE44558 Datasheet
227Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Helical
PE44560 PASTERNACK-PE44560 Datasheet
233Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 1/2 inch Helical
PE44993 PASTERNACK-PE44993 Datasheet
243Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment For 7/8 inch Annular
PE45203 PASTERNACK-PE45203 Datasheet
384Kb / 3P
N Female Connector Clamp/Non-Solder Contact Attachment for 7/8 inch Helical
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com