Electronic Components Datasheet Search
  English  ▼

X  

PE44564 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44564
Description  N Male Right Angle Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44564 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44564 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44564 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44564 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
N Male Right Angle Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible,
PE-1/2FAC
Configuration
Connector
N Male
Connector Interface Type
1/2 inch Annular,1/2 inch Flexible,PE-1/2FAC
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
2.876 [73.05]
Width/Dia., in [mm]
0.867 [22.02]
Height, in [mm]
1.734 [44.04]
.
Weight, lbs [Kg]
6.6 [2.99]
Connector
Type
N Male
Contact Material and Plating
Brass, Silver
Coupling Nut Material and Plating
Brass, Tri-Metal
Hex Size, in
3/4
Body Material and Plating
Brass, Tri-Metal
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male Right Angle Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flex-
ible, PE-1/2FAC PE44564
PE44564
PE44564 REV 01
N Male Right Angle Connector Clamp/Solder Attachment
For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC


Similar Part No. - PE44564

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4456 PASTERNACK-PE4456 Datasheet
416Kb / 3P
TNC Male Right Angle Connector Clamp/Solder Attachment
PE44560 PASTERNACK-PE44560 Datasheet
233Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 1/2 inch Helical
PE44561 PASTERNACK-PE44561 Datasheet
333Kb / 3P
7/16 DIN Female Connector Clamp/Solder Attachment For 7/8 inch Helical
PE44562 PASTERNACK-PE44562 Datasheet
318Kb / 2P
N Male Connector Clamp/Solder Attachment For 1/2 inch Annular
PE44563 PASTERNACK-PE44563 Datasheet
336Kb / 2P
N Male Connector Clamp/Solder Attachment For 7/8 inch Annular
More results

Similar Description - PE44564

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44565 PASTERNACK-PE44565 Datasheet
302Kb / 2P
N Female Connector Clamp/Solder Attachment For 1/2 inch Annular
PE44554 PASTERNACK-PE44554 Datasheet
216Kb / 2P
N Male Right Angle Connector Clamp/Solder Attachment For 1/2 inch Helical
PE44567 PASTERNACK-PE44567 Datasheet
237Kb / 3P
7/16 DIN Male Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
PE44569 PASTERNACK-PE44569 Datasheet
231Kb / 3P
7/16 DIN Male Right Angle Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
PE44562 PASTERNACK-PE44562 Datasheet
318Kb / 2P
N Male Connector Clamp/Solder Attachment For 1/2 inch Annular
PE44735 PASTERNACK-PE44735 Datasheet
254Kb / 3P
N Male Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Flexible, PE-1/2FAC
PE44737 PASTERNACK-PE44737 Datasheet
253Kb / 3P
N Female Low PIM Connector Clamp/Non-Solder Contact Attachment For 1/2??Flexible, PE-1/2FAC
PE44995 PASTERNACK-PE44995 Datasheet
316Kb / 2P
N Male Connector Clamp - Solder Attachment For 1 - 2 inch Annular, IP 67 Rated
PE44570 PASTERNACK-PE44570 Datasheet
216Kb / 2P
7/16 DIN Female Connector Clamp/Solder Attachment For 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
PE45358 PASTERNACK-PE45358 Datasheet
410Kb / 3P
N Male Right Angle Connector Clamp/Solder Attachment for 1/2 inch Annular, 1/2 inch Flexible, PE-1/2FAC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com