Electronic Components Datasheet Search
  English  ▼

X  

PE44585 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44585
Description  75 Ohm F Female Bulkhead Mount Precision Connector Crimp/Solder Attachment for PE-B159, .480 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44585 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44585 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44585 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44585 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
Configuration
Connector
F Female
Connector Interface Type
PE-B159
Attachment Method (Shield/Contact)
Crimp/Solder
Connector Design
Precision
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance
75 Ohms
Mechanical Specifications
Size
Length
1.6 in [40.64 mm]
Width/Dia.
0.56 in [14.22 mm]
.
Weight
0.002 lbs [0.91 g]
Connector
Type
F Female
Contact Material and Plating
Beryllium Copper, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
HDPE Blue
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/19/2011
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm F Female Bulkhead Mount Precision Connector Crimp/Solder Attachment for PE-
B159, .480 inch D Hole PE44585
PE44585
PE44585 REV 1.1
75 Ohm F Female Bulkhead Mount Precision Connector
Crimp/Solder Attachment for PE-B159, .480 inch D Hole


Similar Part No. - PE44585

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4458 PASTERNACK-PE4458 Datasheet
230Kb / 3P
TNC Female Connector Crimp - Solder Attachment For RG58
PE44580 PASTERNACK-PE44580 Datasheet
203Kb / 2P
75 Ohm RCA Male Right Angle Connector Compression Attachment For Mini 59, PE-B159
PE44581 PASTERNACK-PE44581 Datasheet
205Kb / 2P
75 Ohm BNC Male Right Angle Connector 75 Ohm BNC Male Right Angle Connector
PE44582 PASTERNACK-PE44582 Datasheet
373Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment for PE-B159, 1855A, Mini 59
PE44583 PASTERNACK-PE44583 Datasheet
395Kb / 3P
75 Ohm RCA Male Precision Connector Crimp - Solder Attachment for PE-B159
More results

Similar Description - PE44585

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4642 PASTERNACK-PE4642 Datasheet
212Kb / 2P
75 Ohm BNC Female Bulkhead Connector Crimp/ Solder Attachment For PE-B305, .480 inch D Hole
PE44572 PASTERNACK-PE44572 Datasheet
213Kb / 2P
75 Ohm F Male Precision Connector Compression Attachment For PE-B159
PE44586 PASTERNACK-PE44586 Datasheet
264Kb / 2P
75 Ohm RCA Female Bulkhead Precision Connector Crimp/ Solder Attachment For PE-B159, .480 inch D Hole
PE44583 PASTERNACK-PE44583 Datasheet
395Kb / 3P
75 Ohm RCA Male Precision Connector Crimp - Solder Attachment for PE-B159
PE4638 PASTERNACK-PE4638 Datasheet
217Kb / 2P
75 Ohm BNC Female Bulkhead Connector Crimp - Solder Attachment For RG59, .480 inch D Hole
PE4640 PASTERNACK-PE4640 Datasheet
322Kb / 3P
75 Ohm BNC Female Bulkhead Connector Crimp - Solder Attachment For RG179, RG187, .480 inch D Hole
PE4641 PASTERNACK-PE4641 Datasheet
218Kb / 2P
75 Ohm BNC Female Bulkhead Connector Crimp - Solder Attachment For PE-B150, .480 inch D Hole
PE44587 PASTERNACK-PE44587 Datasheet
393Kb / 3P
75 Ohm BNC Female Bulkhead Mount Precision Connector Crimp-Solder Attachment for PE-B159, 1855A, .480 inch D Hole
PE44687 PASTERNACK-PE44687 Datasheet
284Kb / 3P
75 Ohm BNC Female Bulkhead Connector Crimp - Solder Attachment For 735A, .480 inch D Hole
PE44588 PASTERNACK-PE44588 Datasheet
264Kb / 2P
75 Ohm Mini SMB Plug Precision Connector Crimp/Solder Attachment For PE-B159
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com