Electronic Components Datasheet Search
  English  ▼

X  

PE44589 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44589
Description  75 Ohm Mini SMB Plug Right Angle Precision Connector Crimp/Solder Attachment For Mini 59, PE-B159
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44589 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44589 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44589 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm Mini SMB Plug Right Angle Precision Connector Crimp/Solder Attachment For Mini 59, PE-B159
Configuration
Connector
Mini SMB Plug
Connector Interface Type
Mini 59,PE-B159
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Connector Design
Precision
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
1.05 [26.67]
Width/Dia., in [mm]
0.26 [6.60]
Height, in [mm]
0.55 [13.97]
.
Weight, lbs [g]
0.001 [0.45]
Connector
Type
Mini SMB Plug
Contact Material and Plating
Phosphor Bronze, Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Delrin
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm Mini SMB Plug Right Angle Precision Connector Crimp/Solder Attachment For Mini 59, PE-B159 from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain
a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm Mini SMB Plug Right Angle Precision Connector Crimp/Solder Attachment For Mini 59,
PE-B159 PE44589
URL: http://www.pasternack.com/mini-smb-plug-standard-pe-b159-connector-pe44589-p.aspx
PE44589
PE44589 REV 01
75 Ohm Mini SMB Plug Right Angle Precision Connector
Crimp/Solder Attachment For Mini 59, PE-B159


Similar Part No. - PE44589

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4458 PASTERNACK-PE4458 Datasheet
230Kb / 3P
TNC Female Connector Crimp - Solder Attachment For RG58
PE44580 PASTERNACK-PE44580 Datasheet
203Kb / 2P
75 Ohm RCA Male Right Angle Connector Compression Attachment For Mini 59, PE-B159
PE44581 PASTERNACK-PE44581 Datasheet
205Kb / 2P
75 Ohm BNC Male Right Angle Connector 75 Ohm BNC Male Right Angle Connector
PE44582 PASTERNACK-PE44582 Datasheet
373Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment for PE-B159, 1855A, Mini 59
PE44583 PASTERNACK-PE44583 Datasheet
395Kb / 3P
75 Ohm RCA Male Precision Connector Crimp - Solder Attachment for PE-B159
More results

Similar Description - PE44589

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44630 PASTERNACK-PE44630 Datasheet
214Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For Mini 59, PE-B159, High Definition
PE44584 PASTERNACK-PE44584 Datasheet
205Kb / 2P
75 Ohm BNC Male Precision Connector Crimp/ Solder Attachment For Mini 59, PE-B159
PE44574 PASTERNACK-PE44574 Datasheet
204Kb / 2P
75 Ohm RCA Male Precision Connector Compression Attachment For Mini 59, PE-B159
PE44580 PASTERNACK-PE44580 Datasheet
203Kb / 2P
75 Ohm RCA Male Right Angle Connector Compression Attachment For Mini 59, PE-B159
PE44622 PASTERNACK-PE44622 Datasheet
207Kb / 2P
75 Ohm RCA Male Connector Crimp - Solder Attachment For Mini 59, PE-B159
PE44625 PASTERNACK-PE44625 Datasheet
245Kb / 2P
75 Ohm BNC Male Connector Crimp-Solder Attachment For Mini 59, PE-B159
PE44579 PASTERNACK-PE44579 Datasheet
207Kb / 2P
75 Ohm F Male Right Angle Connector Compression Attachment For Mini 59, PE-B159
PE44588 PASTERNACK-PE44588 Datasheet
264Kb / 2P
75 Ohm Mini SMB Plug Precision Connector Crimp/Solder Attachment For PE-B159
PE44590 PASTERNACK-PE44590 Datasheet
212Kb / 2P
75 Ohm Mini SMB Jack Precision Connector Crimp/ Solder Attachment For Mini 59, PE-B159
PE44582 PASTERNACK-PE44582 Datasheet
373Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment for PE-B159, 1855A, Mini 59
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com