Electronic Components Datasheet Search
  English  ▼

X  

SL2524 Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # SL2524
Description  1.3GHz Dual Wideband Logarithmic Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL2524 Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button SL2524 Datasheet HTML 3Page - Mitel Networks Corporation SL2524 Datasheet HTML 4Page - Mitel Networks Corporation SL2524 Datasheet HTML 5Page - Mitel Networks Corporation SL2524 Datasheet HTML 6Page - Mitel Networks Corporation SL2524 Datasheet HTML 7Page - Mitel Networks Corporation SL2524 Datasheet HTML 8Page - Mitel Networks Corporation SL2524 Datasheet HTML 9Page - Mitel Networks Corporation SL2524 Datasheet HTML 10Page - Mitel Networks Corporation SL2524 Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SL2524
7
Typical characteristics for a dual - stage amplifier (i.e. One SL2524) cont.
Fig.8 Normalised phase vs CW input level at 50, 250 and 450MHz for 50
Ω O/P termination (25°C)
Fig.9 Detector current vs R
SET at 200MHz (25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com