Electronic Components Datasheet Search
  English  ▼

X  

SL3522 Datasheet(PDF) 12 Page - Mitel Networks Corporation

Part # SL3522
Description  500MHz 75dB Logarithmic/Limiting Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL3522 Datasheet(HTML) 12 Page - Mitel Networks Corporation

Back Button SL3522 Datasheet HTML 8Page - Mitel Networks Corporation SL3522 Datasheet HTML 9Page - Mitel Networks Corporation SL3522 Datasheet HTML 10Page - Mitel Networks Corporation SL3522 Datasheet HTML 11Page - Mitel Networks Corporation SL3522 Datasheet HTML 12Page - Mitel Networks Corporation SL3522 Datasheet HTML 13Page - Mitel Networks Corporation SL3522 Datasheet HTML 14Page - Mitel Networks Corporation SL3522 Datasheet HTML 15Page - Mitel Networks Corporation SL3522 Datasheet HTML 16Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
12
SL3522
Fig.16 Linear gain (-70dBm I/P)
Fig.17 RF input
→ output limiting transfer characteristic at Frequency = 100MHz
Frequency (MHz)
70
60
50
40
30
20
10
0
10
110
210
310
410
510
610
710
810
910
1010
RF input power (dBm)
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
0
–5
–10
–15
–20
–25
–30
–35
–40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com