Electronic Components Datasheet Search
  English  ▼

X  

TMP302B Datasheet(PDF) 4 Page - Texas Instruments

Part # TMP302B
Description  TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP302B Datasheet(HTML) 4 Page - Texas Instruments

  TMP302B Datasheet HTML 1Page - Texas Instruments TMP302B Datasheet HTML 2Page - Texas Instruments TMP302B Datasheet HTML 3Page - Texas Instruments TMP302B Datasheet HTML 4Page - Texas Instruments TMP302B Datasheet HTML 5Page - Texas Instruments TMP302B Datasheet HTML 6Page - Texas Instruments TMP302B Datasheet HTML 7Page - Texas Instruments TMP302B Datasheet HTML 8Page - Texas Instruments TMP302B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TMP302-Q1
SLOS889B – OCTOBER 2014 – REVISED JULY 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage
3.6
V
Input pin voltage
TRIPSET0, TRIPSET1, HYSTSET
–0.5
VS + 0.5
V
Output pin voltage
OUT
–0.5
3.6
V
Output pin current
OUT
10
mA
Operating temperature
–55
130
°C
Junction temperature
150
°C
Storage temperature
–60
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per AEC Q100-002(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per AEC Q100-011
±1000
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VS
Power supply voltage
1.4
3.3
3.6
V
Rpullup
Pullup resistor connected from OUT to VS
10
100
k
Ω
7.4 Thermal Information
TMP302-Q1
THERMAL METRIC(1)
DRL(SOT563)
UNIT
6 PINS
RθJA
Junction-to-ambient thermal resistance
200
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
73.7
°C/W
RθJB
Junction-to-board thermal resistance
34.4
°C/W
ψJT
Junction-to-top characterization parameter
3.1
°C/W
ψJB
Junction-to-board characterization parameter
34.2
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: TMP302-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com