Electronic Components Datasheet Search
  English  ▼

X  

G1335 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G1335
Description  Rail-to-Rail CMOS Comparator with Open-Drain Output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1335 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G1335 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.2
May 02, 2008
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G1335
Global Mixed-mode Technology Inc.
Rail-to-Rail CMOS Comparator with Open-Drain Output
Features
Guaranteed 2.7V to 8V Performance
Open Drain Output
Input Common Mode Beyond the Rails
Low Supply Current 3.5μA at 5V Power Supply
Operating Temperature Range -40°C to +85°C
SOT-23-5 and SC-70-5 package available
Applications
Mobile communications
Notebooks and PDA’s
Battery powered electronics
General purpose portable device
General purpose low voltage applications
General Description
The G1335 is a low voltage rail-to-rail CMOS com-
parator with open-drain output. It is guaranteed to op-
erate from 2.7V to 8V power supply. The current con-
sumption is as low as 3.5μA at 5V supply voltage. So it
is very suitable for portable electronic devices applica-
tions.
G1335 is available in the SOT-23-5 and SC-70-5
package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Pb free)
G1335T11U
1335x
-40°C~ +85°C
SOT-23-5
G1335T12U
135Ax
-40°C~ +85°C
SOT-23-5
G1335TA1U
135x
-40°C~ +85°C
SC-70-5
G1335TA2U
13Dx
-40°C~ +85°C
SC-70-5
Note: T1: SOT-23-5
TA: SC-70-5
1 & 2: Bonding Code
U: Tape & Reel
Pin Configuration
V-
IN-
SOT-23-5/SC-70-5
5
4
1
2
3
V+
IN+
G1335 T12/TA2
OUTPUT
V+
IN-
SOT-23-5/SC-70-5
5
4
1
2
3
V-
IN+
G1335 T11/TA1
OUTPUT
V-
IN-
SOT-23-5/SC-70-5
5
4
1
2
3
V+
IN+
G1335 T12/TA2
OUTPUT
V-
IN-
SOT-23-5/SC-70-5
5
4
1
2
3
V+
IN+
G1335 T12/TA2
OUTPUT
V+
IN-
SOT-23-5/SC-70-5
5
4
1
2
3
V-
IN+
G1335 T11/TA1
OUTPUT
V+
IN-
SOT-23-5/SC-70-5
5
4
1
2
3
V-
IN+
G1335 T11/TA1
OUTPUT


Similar Part No. - G1335

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G1331 GMT-G1331 Datasheet
106Kb / 1P
General Purpose, Low Voltage Comparator with Open-Drain Output
logo
GTM CORPORATION
G1332E GTM-G1332E Datasheet
263Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
G1332E ETL-G1332E Datasheet
266Kb / 4P
N - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
logo
GTM CORPORATION
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
E-Tech Electronics LTD
G1333 ETL-G1333 Datasheet
355Kb / 4P
P - C H A N N E L E N H A N C E M E N T M O D E P O W E R M O S F E T
More results

Similar Description - G1335

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6772 NSC-LMC6772 Datasheet
288Kb / 11P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC7221 NSC-LMC7221 Datasheet
271Kb / 12P
Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC7221 NSC-LMC7221_06 Datasheet
699Kb / 13P
Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
logo
Texas Instruments
LMC6772AIMMX_NOPB TI1-LMC6772AIMMX_NOPB Datasheet
1Mb / 25P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC7221BIM TI1-LMC7221BIM Datasheet
1Mb / 20P
LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC6772 TI1-LMC6772 Datasheet
1Mb / 27P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI1-SM72375_14 Datasheet
1Mb / 20P
SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
LMC7221 TI1-LMC7221_14 Datasheet
1Mb / 21P
LMC7221 Tiny CMOS Comparator with Rail-To-Rail Input and Open Drain Output
LMC6772 TI-LMC6772_15 Datasheet
1Mb / 25P
Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
SM72375 TI-SM72375_15 Datasheet
1Mb / 19P
SM72375 SolarMagic Dual Micropower Rail-To-Rail Input CMOS Comparator with Open Drain Output
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com