Electronic Components Datasheet Search
  English  ▼

X  

SL6679 Datasheet(PDF) 12 Page - Mitel Networks Corporation

Part # SL6679
Description  Direct Conversion FSK Data Receiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SL6679 Datasheet(HTML) 12 Page - Mitel Networks Corporation

Back Button SL6679 Datasheet HTML 8Page - Mitel Networks Corporation SL6679 Datasheet HTML 9Page - Mitel Networks Corporation SL6679 Datasheet HTML 10Page - Mitel Networks Corporation SL6679 Datasheet HTML 11Page - Mitel Networks Corporation SL6679 Datasheet HTML 12Page - Mitel Networks Corporation SL6679 Datasheet HTML 13Page - Mitel Networks Corporation SL6679 Datasheet HTML 14Page - Mitel Networks Corporation SL6679 Datasheet HTML 15Page - Mitel Networks Corporation SL6679 Datasheet HTML 16Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
SL6679
Resistors
Capacitors
Capacitors (cont.)
Inductors
L1
56nH
T1
30nH 1:1, Coilcraft M1686-A
Transistors
TR1
Toshiba 2SC5065
TR2
Toshiba 2SC5065
TR3
FMMT589 (Zetex ZTX550)
R1
4·7k
Ω
R2
4·7k
Ω
R3
1·5k
Ω
R4
100
Ω
R5
100
Ω
R6
100
Ω
R7
100
Ω
R8
430k
Ω
R9
220k
Ω
R10
S/C
R11
15k
Ω
R12
2k
Ω
R13
39k
Ω
R14
180k
Ω
R15
430k
Ω
R16
220k
Ω
R17
220k
Ω
R18
3·3M
Ω
C1
12pF
C2
O/C
C3
220nF
C4
1nF
C5
1nF
C6
1nF
C7
1nF
C8
3·3pF
C9
4·7nF
C10
4·7nF
C11
4·7pF
C12
5·6pF
C13
1nF
C14
1nF
C15
1nF
C16
1nF
C17
2·2
µF
C18
100nF
C19
1nF
C20
2·2
µF
C21
1·5nF
C22
560pF
C23
1nF
C24
2·2
µF
C25
100nF
C26
100nF
C27
560pF
C28
1nF
C29
1nF
C30
1nF
C32
100nF
C33
100nF
C34
100nF
VC1
3-10pF
Table 3 Component list for 280MHz characterisation board
Resistors
Capacitors
Capacitors (cont.)
Inductors
L1
47nH
T1
16nH 1:1, Coilcraft Q4123-A
Transistors
TR1
Philips BFT25A
TR2
Philips BFT25A
TR3
FMMT589 (Zetex ZTX550)
R1
4·7k
Ω
R2
4·7k
Ω
R3
1·5k
Ω
R4
100
Ω
R5
100
Ω
R6
100
Ω
R7
100
Ω
R8
430k
Ω
R9
220k
Ω
R10
S/C
R11
15k
Ω
R12
2k
Ω
R13
39k
Ω
R14
180k
Ω
R15
430k
Ω
R16
220k
Ω
R17
220k
Ω
R18
3.3M
Ω
C1
O/C
C2
O/C
C3
1nF
C4
1nF
C5
1nF
C6
1nF
C7
1nF
C8
3·3pF
C9
4·7nF
C10
4·7nF
C11
3·9pF
C12
3·3pF
C13
1nF
C14
1nF
C15
1nF
C16
1nF
C17
2·2
µF
C18
100nF
C19
1nF
C20
2·2
µF
C21
1·5nF
C22
560pF
C23
1nF
C24
2·2
µF
C25
100nF
C26
100nF
C27
560pF
C28
1nF
C29
1nF
C30
1nF
C32
100nF
C33
100nF
C34
100nF
VC1
3-10pF
Table 4 Component list for 450MHz characterisation board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com