Electronic Components Datasheet Search
  English  ▼

X  

SP5055 Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # SP5055
Description  2.6GHz Bidirectional I2C BUS Controlled Synthesiser
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5055 Datasheet(HTML) 4 Page - Mitel Networks Corporation

  SP5055 Datasheet HTML 1Page - Mitel Networks Corporation SP5055 Datasheet HTML 2Page - Mitel Networks Corporation SP5055 Datasheet HTML 3Page - Mitel Networks Corporation SP5055 Datasheet HTML 4Page - Mitel Networks Corporation SP5055 Datasheet HTML 5Page - Mitel Networks Corporation SP5055 Datasheet HTML 6Page - Mitel Networks Corporation SP5055 Datasheet HTML 7Page - Mitel Networks Corporation SP5055 Datasheet HTML 8Page - Mitel Networks Corporation SP5055 Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
SP5055
A0
0
1
0
1
0
Voltage input to P6
0.6VCC to 13.2V
0·45VCC to 0·6VCC
0·3VCC to 0·45VCC
0·15VCC to 0·3VCC
0 to 0.15VCC
Bits 3, 4 and 5 (I2,I1,I0) show the status of the I/O Ports P7,
P5 and P4 respectively. A logic 0 indicates a low level and a logic
1 a high level. If the ports are to be used as inputs they should
be programmed to a high impedance state (logic 1). These
inputs will then respond to data complying with TTL type voltage
levels. Bits 6, 7 and 8 (A2,A1,A0) combine to give the output of
the 5 level ADC.
The 5 level ADC can be used to feed AFC information to
the microprocessor from the IF section of the receiver, as
illustrated in the typical application circuit.
APPLICATION
A typical Application is shown in Fig. 4. All input/output
interface circuits are shown in Fig. 6.
Table 1 Write data format (MSB transmitted first)
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Address
Programmable divider
Programmable divider
Charge pump and test bits
I/O port control bits
1
214
26
CP
P6
0
213
25
T1
P5
0
212
24
T0
P4
0
211
23
1
P3
MA0
29
21
1
X
MA1
210
22
1
X
A
A
A
A
A
MSB
1
0
27
1
P7
LSB
0
28
20
OS
P0
Table 2 Read data format (MSB is transmitted first)
Byte 1
Byte 2
Address
Status byte
1
FL
0
I2
0
I1
0
I0
MA0
A1
MA1
A2
A
A
1
POR
1
A0
A
: Acknowledge bit
MA1, MA0
: Variable address bits (see Table 4)
CP
: Charge Pump current select
T1
: Test mode selection
T0
: Charge pump disable
OS
: Varactor drive Output disable Switch
P7, P6, P5, P4,
: Control output states
P3, P0
POR
: Power On Reset indicator
FL
: Phase lock detect flag
I2, I1, I0
: Digital information from Ports P7, P5 and P4, respectively
A2, A1, A0
: 5 Level ADC data from P6 (see Table 3)
X
: Don't care
Table 4 Address selection
MA0
0
1
0
1
MA1
0
0
1
1
Voltage input to P3
0V to 0·2VCC
Always valid
0·3VCC to 0·7VCC
0·8VCC -13.2V
A1
0
1
1
0
0
A2
1
0
0
0
0
Table 3 ADC levels
Fig. 3 Data formats



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com