Electronic Components Datasheet Search
  English  ▼

X  

PE44810 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE44810
Description  High Performance TNC Male Solder /Clamp connectors for PE-P300LL Coax
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44810 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE44810 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44810 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44810 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Material Specifications
Description
Material
Plating
Contact
Beryllium Copper
Gold
ASTM-B488 50µ in. minimum
Insulation
PTFE
Body
Passivated Stainless Steel
SAE-AMS-2701
Coupling Nut
Pass
ivated Stainless Steel
SAE-AMS-2701
.
Environmental Specifications
Temperature
Operating Range
-65 to 165 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
01/01/1753
Plotted and Other Data
Notes:
High Performance TNC Male Solder /Clamp connectors for PE-P300LL Coax from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99% availability
and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male Precision Connector Clamp/Solder Attachment for PE-P300LL PE44810
URL:
http://www.pasternack.com/tnc-male-pe-p300ll-connector-pe44810-p.aspx
PE44810 REV 1.0
RF Connectors Technical Data Sheet
PE44810
High Performance TNC Male Solder /Clamp
connectors for PE-P300LL Coax



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com