Electronic Components Datasheet Search
  English  ▼

X  

PE44815 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE44815
Description  High Performance TNC Male Solder /Clamp connectors for PE-P142LL Coax
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44815 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE44815 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44815 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44815 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• TNC Male Connector
• MIL-STD-348
• 50 Ohms
• Straight Body Geometry
• PE-P142LL Interface Type
• Clamp/Solder Attachment
• 9/16 Inch Hex
• Precision Design
Features
• Gold Platted Solder ferrules
• Stainless Steel Interface and connector Body
• Excellent VSWR to 18 Ghz
•
Tuned specifically for use with 83% VoP Tape Style
Low Loss Coax
•
Compatible with Harbour LL142 Coax
• Easy to assemble multi Piece design
.
Description
Pasternack’s solder/clamp connectors designed for use with our flexible PE-P142LL Low Loss coax offer excellent performance
and durability. The multi piece design has been optimized for use with Low Loss tape wrapped coax having a 83% VoP. The
stainless steel construction provides for over 500 mating cycles. These connectors are compatible with LL142 coax from
Harbour Industries.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.16:1
Insertion Loss
0.22
dB
Operating Voltage (AC)
500
Vrms
Dielectric Withstanding Voltage (AC)
1,500
Insulation Resistance
5,000
MOhms
.
Mechanical Specifications
Size
Length
1.27 in [32.26 mm]
Width/Dia.
0.625 in [15.88 mm]
.
Weight
0.08 lbs [36.29 g]
.
Mating Torque
12 to 15 in-lbs [1.36 to 1.7 Nm]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male Precision Connector Clamp/Solder Attachment for PE-P142LL PE44815
PE44815 REV 1.0
High Performance TNC Male Solder /Clamp
connectors for PE-P142LL Coax
RF Connectors Technical Data Sheet
PE44815


Similar Part No. - PE44815

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4481 PASTERNACK-PE4481 Datasheet
240Kb / 2P
HN Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .765 inch DD Hole
PE4481 PASTERNACK-PE4481 Datasheet
345Kb / 3P
HN Female Bulkhead Mount Hermetically Sealed Connector Solder Attachment
PE44810 PASTERNACK-PE44810 Datasheet
388Kb / 3P
High Performance TNC Male Solder /Clamp connectors for PE-P300LL Coax
PE44811 PASTERNACK-PE44811 Datasheet
404Kb / 3P
High Performance TNC Female Bulkhead Solder / Clamp connectors for and PE-P142LL Coax
PE44812 PASTERNACK-PE44812 Datasheet
397Kb / 3P
High Performance Right Angle TNC Male Solder / Clamp connectors for PE-P142LL Coax
More results

Similar Description - PE44815

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44809 PASTERNACK-PE44809 Datasheet
389Kb / 3P
High Performance Type N Male Solder - Clamp connectors for PE-P300LL Coax
PE44810 PASTERNACK-PE44810 Datasheet
388Kb / 3P
High Performance TNC Male Solder /Clamp connectors for PE-P300LL Coax
PE44811 PASTERNACK-PE44811 Datasheet
404Kb / 3P
High Performance TNC Female Bulkhead Solder / Clamp connectors for and PE-P142LL Coax
PE44812 PASTERNACK-PE44812 Datasheet
397Kb / 3P
High Performance Right Angle TNC Male Solder / Clamp connectors for PE-P142LL Coax
PE44813 PASTERNACK-PE44813 Datasheet
397Kb / 3P
High Performance Bulkhead Type N Female Solder / Clamp connectors for PE-P142LL Coax
PE44814 PASTERNACK-PE44814 Datasheet
410Kb / 4P
High Performance SMA Female Solder / Clamp connectors for PE-P142LL Coax
PE44816 PASTERNACK-PE44816 Datasheet
399Kb / 3P
High Performance Right Angle Type N Male Solder / Clamp connectors for PE-P142LL Coax
PE44817 PASTERNACK-PE44817 Datasheet
400Kb / 3P
High Performance Righ Angle SMA Male Solder - Clamp connectors for PE-P142LL Coax
PE44825 PASTERNACK-PE44825 Datasheet
399Kb / 3P
High Performance Type N Male Solder - Clamp connectors for PE-P142LL Coax
PE44826 PASTERNACK-PE44826 Datasheet
404Kb / 3P
High Performance SMA Male Solder - Clamp connectors for PE-P142LL Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com