Electronic Components Datasheet Search
  English  ▼

X  

G2010 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G2010
Description  1-Channel DC Motor Driver for Toy
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2010 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G2010 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.7
Jan 16, 2012
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G2010
Global Mixed-mode Technology
1-Channel DC Motor Driver for Toy
Features
1-Channel H-bridge driver built-in power
PMOS and NMOS.
The driver with forward, reverse, stop and
brake function.
Low stand-by and operating current.
Low on-resistance. (1
Ω)
Low voltage operation.
Built-in thermal shutdown function.
Package SOP-8 & DIP-8
RoHS Compliant
Applications
Toy Motor Driver
General Description
The G2010 is a 1-channel H-bridge driver IC for DC
motor application. It has the features of low stand-by
current, low operating current, large current output and
low RDSON. Those features make it suitable for toy.
The G2010 is available in 8-pin SOP & DIP package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G2010P11U
G2010
-20°C to +85°C
SOP-8
G2010Z31U
G2010
-20°C to +85°C
DIP-8
Note: P1: SOP-8
Z3: DIP-8
1: Bonding Code
U: Tube & Reel
Pin Configuration
Typical Application Circuit
SOP-8/DIP-8
G2010
PGND
8
6
5
1
2
3
4
INB
AGND
OUTB
INA
VCC
VM
OUTA
7
VM
6V
VCC
3V
INA
INB
GND
VCC
G2010
VM
OUTA
OUTB
GND
10µF
16V
0.1µF
10µF
16V
0.1µF
6
7
2
8
1
3
4
0.1µF
5
DCM
INA
INB
VM
3V
VCC
3V
INA
INB
GND
VCC
G2010
VM
OUTA
OUTB
GND
10µF
16V
0.1µF
10µF
16V
0.1µF
6
7
2
8
1
3
4
0.1µF
5
DCM
INA
INB
SOP-8/DIP-8
G2010
PGND
8
6
5
1
2
3
4
INB
AGND
OUTB
INA
VCC
VM
OUTA
7
VM
6V
VCC
3V
INA
INB
GND
VCC
G2010
VM
OUTA
OUTB
GND
10µF
16V
0.1µF
10µF
16V
0.1µF
6
7
2
8
1
3
4
0.1µF
5
DCM
INA
INB
VM
3V
VCC
3V
INA
INB
GND
VCC
G2010
VM
OUTA
OUTB
GND
10µF
16V
0.1µF
10µF
16V
0.1µF
6
7
2
8
1
3
4
0.1µF
5
DCM
INA
INB


Similar Part No. - G2010

ManufacturerPart #DatasheetDescription
logo
Heyco.
G2010 HEYCO-G2010 Datasheet
98Kb / 1P
Rubber Push-In Bumpers
More results

Similar Description - G2010

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4206 SIEMENS-TLE4206 Datasheet
142Kb / 14P
1-A DC Motor Driver for Servo Driver Applications
logo
Fairchild Semiconductor
FAN8010MP FAIRCHILD-FAN8010MP Datasheet
392Kb / 12P
1 Channel DC Motor Driver
logo
Aimtron Technology
AT5562 AIMTRON-AT5562 Datasheet
408Kb / 13P
2-channel DC Motor Driver For Toy
logo
Infineon Technologies A...
TLE4206-2G INFINEON-TLE4206-2G Datasheet
621Kb / 16P
1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
TLE4206G INFINEON-TLE4206G_15 Datasheet
605Kb / 15P
1-A DC Motor Driver for Servo Driver Applications
V1.2 2008-02-04
logo
Global Mixed-mode Techn...
G2011 GMT-G2011 Datasheet
80Kb / 1P
2-Channel DC Motor Driver for Toy
G2024 GMT-G2024 Datasheet
120Kb / 1P
1-Channel DC Motor driver for DSC
logo
Infineon Technologies A...
TLE4206-2G INFINEON-TLE4206-2G_17 Datasheet
494Kb / 16P
1-A DC Motor Driver for Servo Driver Applications
V1.3, 2017-05-19
logo
Unisonic Technologies
UMD9112 UTC-UMD9112 Datasheet
153Kb / 7P
ELECTRIC TOY DC MOTOR DRIVE CIRCUIT
logo
Jiaxing Heroic Technolo...
HR1124S HEROIC-HR1124S Datasheet
189Kb / 3P
Toy single channel DC motor driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com