Electronic Components Datasheet Search
  English  ▼

X  

G2008 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G2008
Description  42 CH serial input motor driver IC for DSC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2008 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G2008 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.3
May 25, 2010
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G2008
Global Mixed-mode Technology Inc.
4+2 CH serial input motor driver IC for DSC
Features
Built in 4+1 full-swing drivers switched by
serial control with brake function
Built in 1 constant current drivers for shutter
or IRIS
Low on-resistance (1.2
Ω, sum of on-resistance
of upside and bottom side).
Output current : IOUT<=0.8A(max.) for each
channel
Build-in thermal shutdown (TSD, 150°C)
CH1/2 corresponds to STM control of 2-2
phase or 1-2 phase
Built in exclusive control mode: CH13/23 (for
STM-B) the combination control mode of
5CH is set
Built in exclusive control mode: CH35 (for
DCM), the combination control mode of 6CH
is set
All power supply systems (VCC, VM12,
VM345) can be set up with an independent
power supply
Power save mode corresponds by serial
control setup
PI (photo interrapter drive) 3 channel built-in
PR Comparator 2 channel built-in.
Small 28QFN (4
×4mm) is adopted.
General Description
G2008 is a 4+2 channel H-Bridge motor drivers IC for
the digital camera and so on. It has four full-swing/
constant voltage drivers and one full-swing/constant
current drivers. G2008 can be operated in serial
control mode or partial exterior control mode. When
operating in partial exterior control mode, the mode of
each CH is fixed by initial serial control setting. When
operating in serial control mode, the mode of each
driver can be setting by serial control.
Applications
Stepping motor driver/ DC motor driver motor
driver for DSC
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G2008RV1U
2008
-20°C to +85°C
TQFN4X4-28
Note: RV: TQFN4X4-28
1: Bonding Code
U: Tape & Reel
Pin Configurations
CH1~3:CV//FS
CH4
:CC//FS
CH5
:CV//FS
G2008 TQFN4X4-28
IN4
IN3
IN2
IN1
SLD
SCLK
OUT1B
OUT2A
OUT2B
OUT3A
OUT3B
OUT5A
1
2
3
4
5
6
16
17
18
19
20
21
Thermal
Pad
7
SDAT
15
OUT4A
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.
G2008 TQFN4X4-28
IN4
IN3
IN2
IN1
SLD
SCLK
OUT1B
OUT2A
OUT2B
OUT3A
OUT3B
OUT5A
1
2
3
4
5
6
16
17
18
19
20
21
Thermal
Pad
7
SDAT
15
OUT4A
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.


Similar Part No. - G2008

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G200 MPD-G200 Datasheet
75Kb / 2P
Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
logo
Shenzhen Taychipst Elec...
G200 TAYCHIPST-G200 Datasheet
1Mb / 3P
Silicon Z?밆iodes
logo
Vishay Siliconix
G200 VISHAY-G200 Datasheet
133Kb / 7P
Axial Vitreous Leaded Wirewound Resistors
28-Mar-17
logo
LEDTRONICS, INC
G200 LEDTRONICS-G200 Datasheet
4Mb / 28P
Miniature Based LED Lamps
logo
TDK Electronics
G200-25-3P208 TDK-G200-25-3P208 Datasheet
116Kb / 2P
Programmable Power Supplies
May 03, 2022
More results

Similar Description - G2008

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8750 RICHTEK-RT8750 Datasheet
436Kb / 21P
42 CH Motor Driver for DSC
logo
Global Mixed-mode Techn...
G2009 GMT-G2009 Datasheet
91Kb / 1P
42CH serial input motor driver IC for DSC
G2007 GMT-G2007 Datasheet
92Kb / 1P
6CH serial input motor driver IC for DSC
G2005 GMT-G2005 Datasheet
69Kb / 1P
51CH serial input motor driver IC for DSC
G2002 GMT-G2002 Datasheet
61Kb / 1P
51CH serial input motor driver IC for DSC
G2001 GMT-G2001 Datasheet
95Kb / 1P
61CH serial input motor driver IC for DSC
G2030 GMT-G2030 Datasheet
53Kb / 1P
51CH serial input motor driver IC for DSC
G2028 GMT-G2028 Datasheet
71Kb / 1P
51CH serial input motor driver IC for DSC
G2018 GMT-G2018 Datasheet
105Kb / 1P
51CH serial input motor driver IC for DSC
G2012 GMT-G2012 Datasheet
68Kb / 1P
42CH serial input motor driver IC for DSC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com