Electronic Components Datasheet Search
  English  ▼

X  

35MB12 Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # 35MB12
Description  Glass Passivated Single-Phase Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

35MB12 Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  35MB12 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. 35MB12 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD. 35MB12 Datasheet HTML 3Page - CHENG-YI ELECTRONIC CO., LTD. 35MB12 Datasheet HTML 4Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAXIMUM RATINGS (T = 25°C unless otherwise noted)
A
PARAMETER
SYMBOL
ºC
ELECTRICAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
µ
°
°
THERMAL CHARACTERISTICS (T = 25°C unless otherwise noted)
A
PARAMETER
°
SYMBOL
C
(1)
35MB
CHENG-YI
ELECTRONIC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com