Electronic Components Datasheet Search
  English  ▼

X  

SP8401 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # SP8401
Description  Very Low Phase Noise 300MHz 첨10/11
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8401 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  SP8401 Datasheet HTML 1Page - Mitel Networks Corporation SP8401 Datasheet HTML 2Page - Mitel Networks Corporation SP8401 Datasheet HTML 3Page - Mitel Networks Corporation SP8401 Datasheet HTML 4Page - Mitel Networks Corporation SP8401 Datasheet HTML 5Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SP8401
Very Low Phase Noise 300MHz
÷10/11
The SP8401 is a very low phase noise variable modulus
divider. Special circuit techniques have been used to reduce
the phase noise considerably below that produced by standard
dividers.
The modulus control input is CMOS or TTL
compatible.
The SP8401 is packaged in a 28 pin plastic SO package to
be compatible with the SP8400 and SP8402 devices.
FEATURES
s Very low Phase Noise (Typically -160dBc/Hz at 1kHz
offset)
s Supply Voltage 5V
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
6.5V
Output Current
20mA
Storage Temperature Range
-55
°C to +125°C
Maximum Clock Input Voltage
2.5V p-p
ORDERING INFORMATION
SP8401 KG MPES(Commercial Grade)
MP28
Fig.1 Pin connections - top view
Supersedes February 1992 edition
DS3230 - 3.1 April 1994
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
N/C
N/C
N/C
VCC +5V
GND
CLOCK INPUT
CLOCK INPUT
CLOCK INPUT
CLOCK INPUT
GND
VCC +5V
VCC +5V
N/C
MODULUS CONTROL
N/C
N/C
N/C
N/C
N/C
N/C
N/C
OUTPUT
OUTPUT
N/C
VCC +5V
N/C
N/C
N/C
Fig.2 Typical single sideband phase noise measured at 300MHz
Frequency (Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
1
10
100
1k
10k
100k


Similar Part No. - SP8401

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8401 ZARLINK-SP8401 Datasheet
345Kb / 4P
Very Low Phase Noise 300MHz 첨 10/11
SP8401KGMPES ZARLINK-SP8401KGMPES Datasheet
345Kb / 4P
Very Low Phase Noise 300MHz 첨 10/11
More results

Similar Description - SP8401

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5748 MITEL-SP5748 Datasheet
295Kb / 15P
2.4GHz Very Low Phase Noise PLL
SP8400 MITEL-SP8400 Datasheet
113Kb / 6P
Very Low Phase Noise Synthesiser Divider
logo
Zarlink Semiconductor I...
SL560 ZARLINK-SL560 Datasheet
105Kb / 8P
300MHz LOW NOISE AMPLIFIER
SP8400 ZARLINK-SP8400 Datasheet
383Kb / 5P
Very Low Phase Noise Synthesiser Divider
SP8401 ZARLINK-SP8401 Datasheet
345Kb / 4P
Very Low Phase Noise 300MHz 첨 10/11
logo
Intersil Corporation
EL5130 INTERSIL-EL5130_06 Datasheet
342Kb / 12P
300MHz Low Noise Amplifiers
June 6, 2006
EL5130 INTERSIL-EL5130_07 Datasheet
320Kb / 12P
300MHz Low Noise Amplifiers
May 4, 2007
logo
EUROQUARTZ limited
T96 EUROQUARTZ-T96 Datasheet
86Kb / 1P
Very Rugged - Low Phase Noise
logo
ILSI America LLC
I428 ILSI-I428 Datasheet
134Kb / 2P
Very Low Phase Noise Option
logo
Renesas Technology Corp
EL5130 RENESAS-EL5130 Datasheet
674Kb / 12P
300MHz Low Noise Amplifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com