Electronic Components Datasheet Search
  English  ▼

X  

BAV99 Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # BAV99
Description  DUAL SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

BAV99 Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  BAV99 Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. BAV99 Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD. BAV99 Datasheet HTML 3Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT–23
3
CAHODE/ANODE
1
ANODE
2
CATHODE
MAXIMUM RATINGS (EACH DIODE)
Rating
Symbol
Value
Unit
Reverse Voltage
V R
70
Vdc
Forward Current
I F
215
mAdc
Peak Forward Surge Current
I FM(surge)
500
mAdc
Repetitive Peak Reverse Voltage
V RRM
70
V
Average Rectified Forward Current (1)
I F(AV)
715
mA
(averaged over any 20 ms period)
Repetitive Peak Forward Current
I FRM
450
mA
Non–Repetitive Peak Forward Current
I FSM
A
t = 1.0
µ s
2.0
t = 1.0 ms
1.0
t = 1.0 S
0.5
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
P D
225
mW
FR–5 Board, (1) T A = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance Junction to Ambient
R θJA
556
°C/W
Total Device Dissipation
P D
300
mW
Alumina Substrate, (2) T A = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance Junction to Ambient
R θJA
417
°C/W
Junction and Storage Temperature
T J , T stg
–65 to +150
°C
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage(I (BR) = 100
µA)
V (BR)
70
—
Vdc
Reverse Voltage Leakage Current (V R = 70 Vdc)
I R
—
2.5
µAdc
(V R = 25 Vdc, T J = 150°C)
––
30
(V R = 70 Vdc, T J = 150°C)
––
50
Diode Capacitance
C D
—
1.5
pF
(V R = 0, f = 1.0 MHz)
Forward Voltage (I F = 1.0 mAdc)
V F
––
715
mVdc
(I F = 10 mAdc)
—
855
(I F = 50 mAdc)
––
1000
(I F = 150 mAdc)
––
1250
Reverse Recovery Time
(I F = I R = 10 mAdc, i R(REC) = 1.0 mAdc, R L = 100
Ω ) (Figure 1)
t rr
—
6.0
ns
Forward Recovery Voltage
(I F = 10 mA, t r = 20 ns)
V FR
—
1.75
V
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
.
BAV99
A7
3000 Tape & Reel
Device
Marking
Shipping
DEVICE MARKING ORDERING INFORMATION
PB FREE PRODUCT
BAV99
DUAL SWITCHING DIODE


Similar Part No. - BAV99

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV99 PANJIT-BAV99 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV99 PHILIPS-BAV99 Datasheet
56Kb / 12P
High-speed double diode
1999 May 11
logo
Vishay Siliconix
BAV99 VISHAY-BAV99 Datasheet
53Kb / 4P
Dual Surface Mount Switching Diode
06-Aug-99
logo
Won-Top Electronics
BAV99 WTE-BAV99 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
BAV99 ZOWIE-BAV99 Datasheet
51Kb / 2P
DUAL SERIES SWITCHING DIODE
More results

Similar Description - BAV99

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMBD7000LT1 MOTOROLA-MMBD7000LT1 Datasheet
77Kb / 4P
Dual Switching Diode
logo
ON Semiconductor
MMBD7000LT1 ONSEMI-MMBD7000LT1 Datasheet
77Kb / 4P
Dual Switching Diode
November, 2001 ??Rev. 2
logo
Zowie Technology Corpor...
MMBD7000 ZOWIE-MMBD7000 Datasheet
49Kb / 2P
DUAL SWITCHING DIODE
logo
Leshan Radio Company
LMBD7000WT1G LRC-LMBD7000WT1G Datasheet
118Kb / 3P
Dual Switching Diode
logo
ON Semiconductor
BAV70TT1G ONSEMI-BAV70TT1G Datasheet
132Kb / 5P
Dual Switching Diode
October, 2010 -- Rev. 3
logo
WILLAS ELECTRONIC CORP
MMBD7000W WILLAS-MMBD7000W Datasheet
336Kb / 3P
Dual Switching Diode
logo
Central Semiconductor C...
CPD30V CENTRAL-CPD30V Datasheet
479Kb / 2P
Dual Switching Diode
logo
ON Semiconductor
BAW56TT1G ONSEMI-BAW56TT1G_16 Datasheet
65Kb / 4P
Dual Switching Diode
April, 2016 ??Rev. 5
logo
Shanghai Leiditech Elec...
LMBD7000LT1G LEIDITECH-LMBD7000LT1G Datasheet
681Kb / 4P
Dual Switching Diode
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com