Electronic Components Datasheet Search
  English  ▼

X  

SP8402 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # SP8402
Description  Very Low Phase Noise Divider by 2N
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8402 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  SP8402 Datasheet HTML 1Page - Mitel Networks Corporation SP8402 Datasheet HTML 2Page - Mitel Networks Corporation SP8402 Datasheet HTML 3Page - Mitel Networks Corporation SP8402 Datasheet HTML 4Page - Mitel Networks Corporation SP8402 Datasheet HTML 5Page - Mitel Networks Corporation SP8402 Datasheet HTML 6Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SP8402
Very Low Phase Noise Divider by 2N
The SP8402 is a very low phase noise divider which divides
by powers of two. The S0, S1, S2 data inputs select the division
ratio in the range 21 to 28. Special circuits techniques have been
used to reduce the phase noise considerably below that
produced by standard dividers. The data inputs are CMOS or
TTL compatible.
The SP8402 is packaged in a 28 pin plastic SO package to
be compatible with the SP8400 and SP8401 devices.
FEATURES
s Very low Phase Noise (Typically -155 to 160dBc/Hz at 1kHz
offset)
s Supply Voltage 5V
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
6.5V
Output Current
20mA
Storage Temperature Range
-55
°C to +125°C
Maximum Clock Input Voltage
2.5V p-p
ORDERING INFORMATION
SP8402 KG MPES (Commercial Grade)
MP28
Fig.1 Pin connections - top view
DS3738 - 2.1 March 1994
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
N/C
N/C
N/C
VCC +5V
GND
CLOCK INPUT
CLOCK INPUT
CLOCK INPUT
GND
VCC +5V
VCC +5V
N/C
S0
N/C
N/C
N/C
N/C
N/C
N/C
N/C
OUTPUT
OUTPUT
N/C
VCC +5V
N/C
S2
S1
CLOCK INPUT
Fig.2 Typical single sideband phase noise measured at 768MHz
Frequency (Hz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
–140
–150
–160
–170
10
100
1k
10k
100k


Similar Part No. - SP8402

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8402 ZARLINK-SP8402 Datasheet
463Kb / 6P
Very Low Phase Noise Divider by 2N
SP8402KG ZARLINK-SP8402KG Datasheet
463Kb / 6P
Very Low Phase Noise Divider by 2N
SP8402MP1T ZARLINK-SP8402MP1T Datasheet
463Kb / 6P
Very Low Phase Noise Divider by 2N
SP8402MPES ZARLINK-SP8402MPES Datasheet
463Kb / 6P
Very Low Phase Noise Divider by 2N
SP8402MPFP ZARLINK-SP8402MPFP Datasheet
463Kb / 6P
Very Low Phase Noise Divider by 2N
More results

Similar Description - SP8402

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5748 MITEL-SP5748 Datasheet
295Kb / 15P
2.4GHz Very Low Phase Noise PLL
SP8400 MITEL-SP8400 Datasheet
113Kb / 6P
Very Low Phase Noise Synthesiser Divider
SP8401 MITEL-SP8401 Datasheet
98Kb / 5P
Very Low Phase Noise 300MHz 첨10/11
logo
PhaseLink Corporation
PLL502-52 PLL-PLL502-52 Datasheet
203Kb / 5P
Low Phase Noise Divider by 2 VCXO (10MHz to 20MHz)
logo
Zarlink Semiconductor I...
SP8400 ZARLINK-SP8400 Datasheet
383Kb / 5P
Very Low Phase Noise Synthesiser Divider
SP8402 ZARLINK-SP8402 Datasheet
463Kb / 6P
Very Low Phase Noise Divider by 2N
logo
EUROQUARTZ limited
T96 EUROQUARTZ-T96 Datasheet
86Kb / 1P
Very Rugged - Low Phase Noise
YH1322 EUROQUARTZ-YH1322 Datasheet
97Kb / 1P
Very Low Phase Noise - HCMOS or Sinewave
logo
ILSI America LLC
I428 ILSI-I428 Datasheet
134Kb / 2P
Very Low Phase Noise Option
logo
Abracon Corporation
ABV0252 ABRACON-ABV0252 Datasheet
58Kb / 5P
Low Phase Noise Divider by 2 VCXO (10MHz to 20MHz)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com