Electronic Components Datasheet Search
  English  ▼

X  

SCS501V Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # SCS501V
Description  0.1AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

SCS501V Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  SCS501V Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SCS501V Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCS501V
VOLTAGE 40V
0.1AMP Schottky Barrier Rectifiers
Electrical characteristic curves (Ta = 25
°C)
0
1000
1
10
100
FORWARD VOLTAGE : VF
(V)
0.1
0.2
0.3
0.4
0.5
0.6
Fig. 1 Forward characteristics
0
REVERSE VOLTAGE : VR
(V)
40
10
20
30
0.1
10m
1m
100
µ
10
µ
1
µ
Fig. 2 Reverse characteristics
125
°C
75
°C
25
°C
0
10
1
100
5
101520253035
REVERSE VOLTAGE : VR
(V)
Fig. 3 Capacitance between
terminals characteristics
0
0
20
40
60
80
100
25
50
75
100
125
AMBIENT TEMPERATURE : Ta (
°C)
Fig. 4 Derating curve
(mounting on glass epoxy PCBs)
PB FREE PRODUCT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com