Electronic Components Datasheet Search
  English  ▼

X  

SCS520G Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # SCS520G
Description  0.1 Amp Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

SCS520G Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  SCS520G Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SCS520G Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCS520G
VOLTAGE 30V
0.1 Amp Surface Mount Schottky Barrier Rectifiers
SOD-723
FEATURES
. Rectifying small power.
. Ultra small mold type.
. High reliability
. Silicon epitaxial planer
MECHANICAL DATA
. Case: SOD-723, Molded Plastic
. Terminals: Solderable per MIL-STD-202
Method 208
. Polarity: See Diagrams Below
. M
E
ounting Position: Any
MARKING CODE
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
SCS520G
UNITS
Peak Reverse Voltage
VRM
30
V
DC Reverse Voltage
VR
25
V
Mean Rectifying Current
IF
100
mA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
500
mA
Maximum Instantaneous Forward Voltage @ IF = 10 mA
VF
0.45 (Max.)
V
Maximum DC Reverse Current, Ta=25
@ VR = 10 V
IR
0.5 (Max.)
µA
Capacitance between terminals @ VR = 10 V, f = 1 MHz
CT
4.0
pF
Operating Temperature Range
TJ
125
Storage Temperature Range
TSTG
-40 ~ +125
Note: ESD sensitive product handling required
0.6±0.05
C AT HODE MAR K
0.27±0.03
0.13±0.03
0.5±0.05
Dimensions in millimeters
PB FREE PRODUCT


Similar Part No. - SCS520G

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS520G SECOS-SCS520G Datasheet
296Kb / 2P
0.1 Amp Surface Mount Schottky Barrier Rectifiers
SCS520G SECOS-SCS520G Datasheet
253Kb / 2P
0.1 A , 30 V Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SCS520G WILLAS-SCS520G Datasheet
444Kb / 3P
100mA Surface Mount Schottky Barrier Rectifiers-30V
logo
SeCoS Halbleitertechnol...
SCS520G SECOS-SCS520G_11 Datasheet
253Kb / 2P
0.1 A , 30 V Schottky Barrier Rectifiers
SCS520G SECOS-SCS520G_15 Datasheet
253Kb / 2P
Schottky Barrier Rectifiers
More results

Similar Description - SCS520G

ManufacturerPart #DatasheetDescription
logo
Bytes
SM120A BYTES-SM120A Datasheet
153Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SK12B TSC-SK12B_1 Datasheet
199Kb / 2P
1.0 AMP. Surface Mount Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SS12 YANGJIE-SS12 Datasheet
61Kb / 2P
1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
UNIOHM CORPORATION
SGL34-20 UNIOHM-SGL34-20 Datasheet
63Kb / 2P
0.8 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM120M UNIOHM-SM120M Datasheet
65Kb / 2P
1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SM220A UNIOHM-SM220A Datasheet
66Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SCS520G SECOS-SCS520G Datasheet
296Kb / 2P
0.1 Amp Surface Mount Schottky Barrier Rectifiers
SCS500V SECOS-SCS500V_15 Datasheet
196Kb / 2P
0.1 Amp Schottky Barrier Rectifiers
SCS501V SECOS-SCS501V_15 Datasheet
114Kb / 2P
0.1 Amp Schottky Barrier Rectifiers
SCS501V-40 SECOS-SCS501V-40_15 Datasheet
122Kb / 2P
0.1 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com