Electronic Components Datasheet Search
  English  ▼

X  

SP8714 Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # SP8714
Description  2100MHz Very Low Current Multi-Modulus Divider
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8714 Datasheet(HTML) 6 Page - Mitel Networks Corporation

  SP8714 Datasheet HTML 1Page - Mitel Networks Corporation SP8714 Datasheet HTML 2Page - Mitel Networks Corporation SP8714 Datasheet HTML 3Page - Mitel Networks Corporation SP8714 Datasheet HTML 4Page - Mitel Networks Corporation SP8714 Datasheet HTML 5Page - Mitel Networks Corporation SP8714 Datasheet HTML 6Page - Mitel Networks Corporation SP8714 Datasheet HTML 7Page - Mitel Networks Corporation SP8714 Datasheet HTML 8Page - Mitel Networks Corporation SP8714 Datasheet HTML 9Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
SP8714
FREQ-MHZ
130.000
177.200
224.400
271.600
318.800
366.000
413.200
460.400
507.600
554.800
602.000
649.200
596.400
743.600
790.800
838.000
885.200
332.400
979.600
1026.80
1074.00
1121.20
1168.40
1215.60
1262.80
1310.00
1357.20
1404.40
1451.60
1498.80
1546.00
1593.20
1640.40
1687.60
1734.80
1782.00
1829.20
1876.40
1923.60
1970.80
2018.00
2065.20
2112.40
2159.60
2206.80
2254.00
2301.20
2348.40
2395.60
2442.80
2490.00
jx (
Ω)
-733.538
-583.339
-482.377
-411.502
-346.620
-304.804
-269.674
-245.161
-224.572
-203.241
-186.545
-174.839
-160.468
-149.642
-143.144
-132.750
-124.495
-118.100
-109.552
-103.110
-98.149
-99.907
-99.639
-95.033
-89.249
-82.581
-77.212
-71.976
-70.250
-61.898
-53.403
-44.704
-41.522
-43.255
-44.879
-67.801
-86.964
-87.052
-80.484
-73.570
-67.291
-60.620
-54.716
-49.220
-43.340
-37.163
-30.805
-24.040
-17.165
-8.172
-4.368
R (
Ω)
255.068
153.330
88.649
71.050
39.526
38.779
23.809
27.545
22.227
17.767
14.607
13.075
12.583
10.213
11.269
10.509
10.172
10.841
12.260
14.508
19.260
23.285
18.956
14.377
12.711
12.598
14.565
19.164
15.001
15.864
18.993
26.822
39.830
47.875
63.267
74.259
58.878
42.530
32.302
27.333
24.894
23.369
23.577
23.023
23.325
24.623
26.340
28.632
31.161
34.219
39.808
Table.2 Coefficients for Fig.7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com