Electronic Components Datasheet Search
  English  ▼

X  

SCS520S Datasheet(PDF) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # SCS520S
Description  0.2 Amp Surface Mount Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

SCS520S Datasheet(HTML) 1 Page - CHENG-YI ELECTRONIC CO., LTD.

  SCS520S Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SCS520S Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCS520S
VOLTAGE 30V
0.2 Amp Surface Mount Schottky Barrier Rectifiers
SOD-523
FEATURES
. Low current rectification and high speed switching
. Extremely small surface mounting type
. Low I
R. (IR = 0.1µA Type)
. High reliability
MECHANICAL DATA
. Case: SOD-523, Molded Plastic
. Terminals: Solderable per MIL-STD-202,
Method 208
. Polarity: See Diagrams Below
. Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25
ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
SCS520S
UNITS
DC Reverse Voltage
VR
30
V
Mean Rectifying Current
IF
200
mA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IFSM
1
A
Maximum Instantaneous Forward Voltage @ IF=200 mA
VF
0.6 (Max.)
V
Maximum DC Reverse Current, Ta=25
@ VR=10 V
IR
1.0 (Max.)
µA
Operating Temperature Range
TJ
125
Storage Temperature Range
TSTG
-40 ~ +125
Note: ESD sensitive product handling required
0.8±0.05
CATHODE MARK
0.6±0.1
0.12±0.05
0.3±0.05
Dimensions in millimeters
Marking Code: B / 5J
PB FREE PRODUCT


Similar Part No. - SCS520S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS520S SECOS-SCS520S Datasheet
102Kb / 2P
0.2 Amp Surface Mount Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SCS520S WILLAS-SCS520S Datasheet
331Kb / 2P
VOLTAGE 30V 0.2 Amp Surface Mount Schottky Barrier Rectifiers
SCS520S WILLAS-SCS520S Datasheet
482Kb / 3P
SOD-523 Plastic-Encapsulate Diodes
SCS520S-40 WILLAS-SCS520S-40 Datasheet
418Kb / 3P
SOD-523 Plastic-Encapsulate Diodes
logo
SeCoS Halbleitertechnol...
SCS520S-40 SECOS-SCS520S-40 Datasheet
153Kb / 2P
Schottky Barrier Rectifiers
More results

Similar Description - SCS520S

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL6675 CDI-DIODE-CDLL6675 Datasheet
69Kb / 2P
0.2 & 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Microsemi Corporation
CDLL0.2A20 MICROSEMI-CDLL0.2A20 Datasheet
51Kb / 2P
0.2 & 0.5 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
BAT42W SECOS-BAT42W Datasheet
109Kb / 2P
0.2 AMP Schottky Barrier Rectifiers
BAT42WS SECOS-BAT42WS Datasheet
172Kb / 2P
0.2 AMP Schottky Barrier Rectifiers
SCS520S SECOS-SCS520S Datasheet
102Kb / 2P
0.2 Amp Surface Mount Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_10 Datasheet
102Kb / 2P
0.2 Amp Surface Mount Schottky Barrier Diode
logo
WILLAS ELECTRONIC CORP
SCS520S WILLAS-SCS520S Datasheet
331Kb / 2P
VOLTAGE 30V 0.2 Amp Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
BAT42W SECOS-BAT42W_15 Datasheet
233Kb / 2P
0.2 AMP Schottky Barrier Rectifiers
BAT42WS SECOS-BAT42WS_15 Datasheet
638Kb / 2P
0.2 AMP Schottky Barrier Rectifiers
SCS520S SECOS-SCS520S_15 Datasheet
105Kb / 2P
0.2 Amp Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com