Electronic Components Datasheet Search
  English  ▼

X  

SP8715 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SP8715
Description  1100MHz Very Low Current Multi-Modulus Divider
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8715 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SP8715 Datasheet HTML 1Page - Mitel Networks Corporation SP8715 Datasheet HTML 2Page - Mitel Networks Corporation SP8715 Datasheet HTML 3Page - Mitel Networks Corporation SP8715 Datasheet HTML 4Page - Mitel Networks Corporation SP8715 Datasheet HTML 5Page - Mitel Networks Corporation SP8715 Datasheet HTML 6Page - Mitel Networks Corporation SP8715 Datasheet HTML 7Page - Mitel Networks Corporation SP8715 Datasheet HTML 8Page - Mitel Networks Corporation SP8715 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
SP8715
Electrical Characteristics (Continued)
Guaranteed over the following conditions (unless otherwise stated):
VCC=+2.7V to +5.25V (with respect to VEE), Output load (pin 4) = 10pF, Tamb = -40°C to +85°C (note 2)
Characteristic
Units
Conditions
Output level (pin 4)
500
600
mV p-p
Modulus set-up time, ts (notes 5,6,8)
20
ns
RF input = 1GHz
Modulus hold time, th
(notes 6,8)
1
ns
RF input = 1GHz
Power down time, tpd
(notes 7,8)
10
µs
See Figure 9
Power down recovery time, tpu
6
µs
See Figure 9
(notes 7,8)
NOTES
2.
All electrical testing is performed at +85
°C.
3.
Typical values are measured at +25
°C and VCC = +5V.
4.
Modulus Control and Ratio Select are high impedance inputs which can be driven directly by standard
CMOS outputs.
5.
Modulus control is latched at the end of the previous cycle.
6.
See Figure 4.
7.
See Figure 8.
8.
These parameters are not tested but are guaranteee by design.
9.
The ratio select pin is not intended to be switched dynamically.
Value
Min.
Typ.
Max.
OPERATING NOTES
The RF inputs are biased internally and are normally
coupled to the signal source with suitable capaitors.
The output stage has a novel design and is intended
to drive a CMOS synthesiser input. External pull-down
resistors or circuits are not required. The SP8715 is
not suitable for driving TTL or similar devices.
The device will operate down to DC frequencies for
non-sinusoidal signals provided that the input slew
rate is better than 100V/
µs.
POWER DOWN (pin 7) is connected internally to a
pull-down resistor. If the battery economy facility is not
used, pin 7 should be either left unconnected or
connected to VEE.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com