Electronic Components Datasheet Search
  English  ▼

X  

SP8802 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # SP8802
Description  3.3GHz 첨 2 fixed Modulus Divider
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8802 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  SP8802 Datasheet HTML 1Page - Mitel Networks Corporation SP8802 Datasheet HTML 2Page - Mitel Networks Corporation SP8802 Datasheet HTML 3Page - Mitel Networks Corporation SP8802 Datasheet HTML 4Page - Mitel Networks Corporation SP8802 Datasheet HTML 5Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Figure 1 SP8802 Block diagram
400
400
500
500
÷2
2mA
10mA
6
7
6.75mA
5
3
2
VCC
1
SUPPLY
INPUT
INPUT
GND
OUTPUT
OUTPUT
VREF (2V)
Thermal Characteristics
θja = 150°C/W
θjc = 50°C/W
SP8802
3.3GHz
÷ 2 fixed Modulus Divider
Advance Information
DS2111
Issue 7.2
June 1999
Features
q
Very High Speed Operation 3.3GHz
q
Silicon Technology for low Phase Noise
(Typically better than -140dBc/Hz at 10kHz)
q
Specified Over the Full Military Temperature
Range
q
Low Power Dissipation 420mW (typ)
q
5V Single Supply Operation
q
High Input Sensitivity
q
Very Wide Operating Frequency Range
q
Available as DESC SMD 5962-9066101MPA
Description
The SP8802 is one of a range of very high speed low
power prescalers for professional and military
applications. The device features a complementary
output stage with on chip current source for the emitter
follower outputs
Ordering Information
SP8802/A/DG Military temperature range
DES9066101/AC/DGAZ (SMD)
Absolute Maximum Ratings
Supply voltage V
CC
6.5V
Clock Input voltage
2.5V p-p
Storage temperature range
-65
°C to +150°C
Junction temperature
+175
°C


Similar Part No. - SP8802

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8802 ZARLINK-SP8802 Datasheet
564Kb / 6P
3.3GHZ 첨 2 Fixed Modulus Divider
SP8802/A/DG ZARLINK-SP8802/A/DG Datasheet
564Kb / 6P
3.3GHZ 첨 2 Fixed Modulus Divider
More results

Similar Description - SP8802

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8804 MITEL-SP8804 Datasheet
94Kb / 5P
3.3GHz 첨 4 fixed Modulus Divider
SP8808 MITEL-SP8808 Datasheet
93Kb / 5P
3.3GHz 첨 8 Fixed Modulus Divider
SP8904 MITEL-SP8904 Datasheet
95Kb / 6P
5GHZ 첨 4 Fixed Modulus Divider
logo
Zarlink Semiconductor I...
SP8802 ZARLINK-SP8802 Datasheet
564Kb / 6P
3.3GHZ 첨 2 Fixed Modulus Divider
SP8803 ZARLINK-SP8803 Datasheet
520Kb / 5P
3.3GHZ 첨 32 Fixed Modulus Divider
SP8804 ZARLINK-SP8804 Datasheet
558Kb / 6P
3.3GHZ 첨 4 Fixed Modulus Divider
SP8808 ZARLINK-SP8808 Datasheet
441Kb / 5P
3.3GHz 첨 Fixed Modulus Divider
SP8902 ZARLINK-SP8902 Datasheet
249Kb / 7P
5GHZ/ 2 Fixed Modulus Divider
SP8908 ZARLINK-SP8908 Datasheet
408Kb / 6P
5GHZ 첨 8 Fixed Modulus Divider
SP8916 ZARLINK-SP8916 Datasheet
553Kb / 7P
5GHZ 첨 16 Fixed Modulus Divider
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com