Electronic Components Datasheet Search
  English  ▼

X  

SP2020C Datasheet(PDF) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

Part # SP2020C
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENG-YI [CHENG-YI ELECTRONIC CO., LTD.]
Direct Link  http://www.c-y.com.tw
Logo CHENG-YI - CHENG-YI ELECTRONIC CO., LTD.

SP2020C Datasheet(HTML) 2 Page - CHENG-YI ELECTRONIC CO., LTD.

  SP2020C Datasheet HTML 1Page - CHENG-YI ELECTRONIC CO., LTD. SP2020C Datasheet HTML 2Page - CHENG-YI ELECTRONIC CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
0
20
40
60
80
100 120 140
.01
Tj=75 C
SP2060C
SP2020C~SP2040C
Tj=25 C
Tj=25 C
100
50
0
150
250
200
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
FIG.1-T Y PICA L FOR WA R D CUR R E NT DE R A
T ING CUR V E
F IG .3-MAXIMUM NON-R E P E T IT IV E F OR WAR D
S UR G E C UR R E NT
F IG .4-T Y P IC AL J UNC T ION C AP AC ITANC E
R E V E R S E V OLT AG E ,(V )
F OR WAR D V OLTAG E ,(V )
P ulse Width 300us
1% Duty C ycle
2
4
8
16
20
24
2000
2400
2800
1600
1200
800
400
0
.01
.05
.1
.5
1
5
10
50
100
.1
.3
.5
.7
.9
1.1
1.3
1.5
5.0
8.3ms S ingle Half
S ine Wave
J E DE C method
P E R C E NT OF R AT E D P E AK R E V E R S E V OLTAG E ,(%)
0
0
20
40
60
80
100
120
140
160
180
200
C AS E T E MP E R AT UR E ,( C )
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
SP2080C~SP20200C
PB FREE PRODUCT
SCHOTTKY BARRIER RECTIFIER
SP2020C thru SP20200C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com