Electronic Components Datasheet Search
  English  ▼

X  

SP8830 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # SP8830
Description  1.5GHz 첨 10 Prescaler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8830 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  SP8830 Datasheet HTML 1Page - Mitel Networks Corporation SP8830 Datasheet HTML 2Page - Mitel Networks Corporation SP8830 Datasheet HTML 3Page - Mitel Networks Corporation SP8830 Datasheet HTML 4Page - Mitel Networks Corporation SP8830 Datasheet HTML 5Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
q
High Speed Operation 1·5GHz
q
Silicon Technology for Low Phase Noise (Typically
Better Than 2140dBc / Hz at 10kHz)
q
Very Low Power Dissipation: 150mW (Typ.)
q
Single 5V Supply Operation
q
High Input Sensitivity
q
Very Wide Operating Frequency Range
q
Available as DESC SMD 5962 - 9157201MPA
Absolute Maximum Ratings
Supply voltage, VCC
- 6.5V
Clock input voltage
2.5V p-p
Storage temperature range
65
° C to +150°C
Junction temperature
+ 175
°C
Ordering Information
SP8830 A DG
SP8830 B DG
DES9157201/AC/DGAZ (SMD)
VCC
1mA
OUTPUT
OUTPUT
GND
7
6
1
5
1·25k
1·25k
INPUT
INPUT
2
3
0·8mA
1k
2k
0·8mA
4
2
4
5
SP8830
1.5GHz
÷ 10 Prescaler
Advance Information
DS3690
Issue 3.3
June 1999
Figure 1 SP8830 block diagram
q
Temperature Range: 255
°C to 1125°C (A Grade)
2
40
°C to 185°C (B Grade)
Description
The SP8830 is one of a range of very high speed low
power prescalers for professional and military
applications. The device features a complementary output
stage with on chip current sources for the emitter follower
outputs.


Similar Part No. - SP8830

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8830 ZARLINK-SP8830 Datasheet
316Kb / 6P
1.5GHz 첨 10 Prescaler
SP8830ADG ZARLINK-SP8830ADG Datasheet
316Kb / 6P
1.5GHz 첨 10 Prescaler
SP8830BDG ZARLINK-SP8830BDG Datasheet
316Kb / 6P
1.5GHz 첨 10 Prescaler
More results

Similar Description - SP8830

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40810 ZARLINK-ZL40810 Datasheet
574Kb / 13P
10-GHz Fixed Modulus 첨 8
logo
Nais(Matsushita Electri...
RK1-12V NAIS-RK1-12V Datasheet
84Kb / 4P
1.5GHz MICROWAVE RELAY
logo
List of Unclassifed Man...
TQ8710 ETC1-TQ8710 Datasheet
85Kb / 6P
1.5GHz/2.7 Gb/s 1:10 50Ohm Driver/Buffer
SP8685A ETC2-SP8685A Datasheet
207Kb / 4P
500MHz 첨 10/11 ECL Variable Modulus Divider
logo
Zarlink Semiconductor I...
SP4642 ZARLINK-SP4642 Datasheet
334Kb / 3P
1GHz 첨 256 PRESCALER WITH LOW CURRENT AND LOW RADIATION
SP8401 ZARLINK-SP8401 Datasheet
345Kb / 4P
Very Low Phase Noise 300MHz 첨 10/11
SP8830 ZARLINK-SP8830 Datasheet
316Kb / 6P
1.5GHz 첨 10 Prescaler
logo
Arizona Microtek, Inc
AZ10EL32 AZM-AZ10EL32 Datasheet
104Kb / 6P
ECL/PECL 첨 2 Divider
logo
Exar Corporation
CLC1605 EXAR-CLC1605 Datasheet
1Mb / 21P
1.5GHz Amplifiers
logo
Teledyne Technologies I...
TDPL97240 TELEDYNE-TDPL97240 Datasheet
1Mb / 18P
5 GHz in 10/11 prescaler modulus
May 1, 2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com