Electronic Components Datasheet Search
  English  ▼

X  

SP8852 Datasheet(PDF) 1 Page - Mitel Networks Corporation

Part # SP8852
Description  2쨌7GHz Parallel Load Professional Synthesiser
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8852 Datasheet(HTML) 1 Page - Mitel Networks Corporation

  SP8852 Datasheet HTML 1Page - Mitel Networks Corporation SP8852 Datasheet HTML 2Page - Mitel Networks Corporation SP8852 Datasheet HTML 3Page - Mitel Networks Corporation SP8852 Datasheet HTML 4Page - Mitel Networks Corporation SP8852 Datasheet HTML 5Page - Mitel Networks Corporation SP8852 Datasheet HTML 6Page - Mitel Networks Corporation SP8852 Datasheet HTML 7Page - Mitel Networks Corporation SP8852 Datasheet HTML 8Page - Mitel Networks Corporation SP8852 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SP8852E
2·7GHz Parallel Load Professional Synthesiser
Preliminary Information
Supersedes January 1996 version, DS4237 - 1.2
DS4237 - 2.0 June 1998
The SP8852E is one of a family of parallel load synthesisers
containing all the elements apart from the loop amplifier to
fabricate a PLL synthesis loop. Other parts in the series are
the SP8854E which has hard wired reference counter pro-
gramming and requires only a single 16-bit programming
word, and the SP8855E which is fully programmable using
hard wired links or switches.
The SP8852E is programmed using a 16-bit parallel data
bus. Data can be stored in one of two internal buffers, selected
by a single address bit on the input interface. In order to fully
program the device, two 16-bit words are required, one to
select the RF division ratio (A and M counters) and phase
detector gain, and one to set the 10-bit reference divider
count, phase detector state and sense. Once the reference
divide ratio has been set, frequency changes can be made by
a single 16-bit data load entry to the RF divider chain.
*FPD and FREF outputs are reversed by the phase
detector sense bit in the F1/F2 programming word, bit
12. The above diagram is correct when bit 12 is high.
HC44
FEATURES
s 2·7 GHz Operating Frequency
s Single 5V Supply
s Low Power Consumption <1·3W
s High Comparison Frequency : 20MHz
s High Gain Phase Detector : 1mA/rad
s Zero ‘Dead Band’ Phase Detector
s Wide Range of RF and Reference Division Ratios
s Programming by Dual Word Data Transfer
ABSOLUTE MAXIMUM RATINGS
Supply voltage
Operating temperature
Storage temperature
Prescaler and reference input voltage
Data inputs
Junction temperature
2
0·3V to 16V
2
55
°C to1100°C
2
65
°C to 1150°C
2·5Vp-p
VCC 10·3V
VEE 20·3V
1
175
°C
ORDERING INFORMATION
SP8852E KG HCAR Non-standard temperature range,
2
55
°C to 1100°C, standard product screening
SP8852E IG HCAR Industrial temperature range,
2
40
°C to 185°C, standard product screening
THERMAL DATA
uJC = 5°C/W
uJA = 53°C/W
ESD PROTECTION
1000V, human body model
Fig. 1 Pin connections - top view
144
B4
B3
B2
B1
B0
0V (PRESCALER)
RF INPUT
RF INPUT
VCC (PRESCALER)
VEE
LOCK DETECT
STROBE
ADDRESS
NC
NC
NC
NC
NC
NC
NC
NC
NC
SP8852E


Similar Part No. - SP8852

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
SP8852D ZARLINK-SP8852D Datasheet
555Kb / 14P
1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8852DIGHCAR ZARLINK-SP8852DIGHCAR Datasheet
555Kb / 14P
1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8852DKGHCAR ZARLINK-SP8852DKGHCAR Datasheet
555Kb / 14P
1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8852E ZARLINK-SP8852E Datasheet
224Kb / 15P
2쨌7GHz Parallel Load Professional Synthesiser
SP8852EIGHCAR ZARLINK-SP8852EIGHCAR Datasheet
224Kb / 15P
2쨌7GHz Parallel Load Professional Synthesiser
More results

Similar Description - SP8852

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP8854E MITEL-SP8854E Datasheet
176Kb / 13P
2쨌7GHz Parallel Load Professional Synthesiser
SP8855E MITEL-SP8855E Datasheet
169Kb / 14P
2.8GHz Parallel Load Professional Synthesiser
logo
Zarlink Semiconductor I...
SP8855D ZARLINK-SP8855D Datasheet
551Kb / 14P
1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8852D ZARLINK-SP8852D Datasheet
555Kb / 14P
1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8852E ZARLINK-SP8852E Datasheet
224Kb / 15P
2쨌7GHz Parallel Load Professional Synthesiser
SP8854D ZARLINK-SP8854D Datasheet
558Kb / 14P
1.7GHz PARALLEL LOAD PROFESSIONAL SYNTHESISER
SP8854E ZARLINK-SP8854E Datasheet
585Kb / 14P
2.7GHz Parallel Load Professional Synthesiser
SP8855E ZARLINK-SP8855E Datasheet
453Kb / 14P
2.8GHz Parallel Load Professional Synthesiser
SP8858 ZARLINK-SP8858 Datasheet
547Kb / 21P
1쨌5GHz Professional Synthesiser
logo
List of Unclassifed Man...
SP8855E ETC2-SP8855E Datasheet
1Mb / 14P
2.8GHz Parallel Load Professional Synthesiser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com