Electronic Components Datasheet Search
  English  ▼

X  

SP8858 Datasheet(PDF) 3 Page - Mitel Networks Corporation

Part # SP8858
Description  1쨌5GHz Professional Synthesiser
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP8858 Datasheet(HTML) 3 Page - Mitel Networks Corporation

  SP8858 Datasheet HTML 1Page - Mitel Networks Corporation SP8858 Datasheet HTML 2Page - Mitel Networks Corporation SP8858 Datasheet HTML 3Page - Mitel Networks Corporation SP8858 Datasheet HTML 4Page - Mitel Networks Corporation SP8858 Datasheet HTML 5Page - Mitel Networks Corporation SP8858 Datasheet HTML 6Page - Mitel Networks Corporation SP8858 Datasheet HTML 7Page - Mitel Networks Corporation SP8858 Datasheet HTML 8Page - Mitel Networks Corporation SP8858 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
SP8858
Fig. 2 SP8858 block diagram
FREQUENCY (MHz)
500
400
300
200
100
50
0
0
500
750
1000
1500
80
TYPICAL
SENSITIVITY
GUARANTEED
OPERATING
WINDOW
48/9 MODE
GUARANTEED
OPERATING
WINDOW
416/17 MODE
Fig. 3 Typical input characteristics and input drive requirements
fPD
11
A
COUNTER
F1/F2 22-BIT DATA BUFFER
M
COUNTER
24-BIT SHIFT REGISTER
16-BIT REFERENCE BUFFER
DATA
INTERFACE
16/17 OR 8/9
PHASE
DETECTOR
R
DIVIDER
BUFFER
LOCK
DETECT
RF INPUT
10
F1/F2
DATA
CLOCK
ENABLE
POWER
DOWN
13
14
15
16
6
RPD
24
27
CP OUTPUT
25
20
21
CRYSTAL
FREF*
5
4
FPD*
*FREF and FPD outputs are reversed by the phase detector
sense bit in the F1/F2 programming word. The pin allocations
shown are correct when the sense bit is low (see Fig. 6).
RF INPUT
C1 C2
XFV
FV
RESET
15 BITS
4 BITS
3 BITS
SELECT F1/F2
ACTIVE A
LSB
MSB
22 BITS
SELECT MODULUS
16 BITS
SELECT R
VREF
13 BITS
PD GAIN
2 BITS
XFR
FR
DECODE
PD1
PD2
FV
XFV
FR
XFR
CHARGE
PUMP
PD
SENSE
DISABLE
CP REF
25
LOCK
DETECT
CD
28
MODULUS CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com