Electronic Components Datasheet Search
  English  ▼

X  

SM5876 Datasheet(PDF) 17 Page - Nippon Precision Circuits Inc

Part # SM5876
Description  3rd-order, 2-channel D/A Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5876 Datasheet(HTML) 17 Page - Nippon Precision Circuits Inc

Back Button SM5876 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5876 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5876 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5876 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5876 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5876 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5876 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5876 Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5876 Datasheet HTML 17Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
SM5876AM
NIPPON PRECISION CIRCUITS—17
NIPPON PRECISION CIRCUITS INC. reserves the right to make changes to the products described in this data sheet in order to
improve the design or performance and to supply the best possible products. Nippon Precision Circuits Inc. assumes no responsibility for
the use of any circuits shown in this data sheet, conveys no license under any patent or other rights, and makes no claim that the circuits
are free from patent infringement. Applications for any devices shown in this data sheet are for illustration only and Nippon Precision
Circuits Inc. makes no claim or warranty that such applications will be suitable for the use specified without further testing or modification.
The products described in this data sheet are not intended to use for the apparatus which influence human lives due to the failure or
malfunction of the products. Customers are requested to comply with applicable laws and regulations in effect now and hereinafter,
including compliance with export controls on the distribution or dissemination of the products. Customers shall not export, directly or
indirectly, any products without first obtaining required licenses and approvals from appropriate government agencies.
NIPPON PRECISION CIRCUITS INC.
4-3, 2-chome Fukuzumi
Koutou-ku, Tokyo 135-8430, Japan
Telephone: 03-3642-6661
Facsimile: 03-3642-6698
NC9504BE
1996.06
NIPPON PRECISION CIRCUITS INC.
TYPICAL APPLICATIONS
Input Interface Circuit
Note that the output analog characteristics and other specifications are not guaranteed for a particular format or
application circuit.
Output Analog Processing Circuit
(Left channel only is shown.)
SM5876
44.1kHz
2.1168MHz
XTI
XTO
CKO
LRCI
DI
BCKI
X'tal
LON
LO
SM5876
LOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com