Electronic Components Datasheet Search
  English  ▼

X  

VP2612 Datasheet(PDF) 2 Page - Mitel Networks Corporation

Part # VP2612
Description  Video Multiplexer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

VP2612 Datasheet(HTML) 2 Page - Mitel Networks Corporation

  VP2612 Datasheet HTML 1Page - Mitel Networks Corporation VP2612 Datasheet HTML 2Page - Mitel Networks Corporation VP2612 Datasheet HTML 3Page - Mitel Networks Corporation VP2612 Datasheet HTML 4Page - Mitel Networks Corporation VP2612 Datasheet HTML 5Page - Mitel Networks Corporation VP2612 Datasheet HTML 6Page - Mitel Networks Corporation VP2612 Datasheet HTML 7Page - Mitel Networks Corporation VP2612 Datasheet HTML 8Page - Mitel Networks Corporation VP2612 Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
VP2612
2
PIN DESCRIPTIONS
DBUS7:0
The input data bus from VP2611. The data type is
defined by the value present on DMODE3:0
DMODE3:0
These inputs define the data type present on the
data bus D7:0. Polarities are given in Table 1.
DCLK
A strobe for DM3:0 and DBUS7:0.The high
going edge latches data into the VMUX.
HD7:0
A bidirectional tri-state data bus connecting the
VMUX to the system processor.
HA3:0
Four system processor address bits used to
address internal registers.
WR
An active low write strobe from the system
processor.
RD
An active low read strobe from the system
processor.
CEN
An active low chip select input from the system
processor.
OVR
An active high output which signals impending
buffer overflow.
STUFF
An active high output that signals that FEC stuffing
is occuring.
MTICK
An output which pulses high for every macroblock
received.
TOOM
This active high output indicates that the picture is
likely to exceed the allowable number of bits per
picture.
VAL
This line is taken low to indicate that the VMUX is
ready to transmit valid data. The C line in an
X21 system.
TD
This is the serial data output from the VMUX.
CTS
Indicates that the receiver can accept data. The I
line in an X21 system.
RDY
Indicates that the receiver can accept data. The
R line in an X21 system.
XCLK
X21 line clock input. 0 to 2.048MHz.
SCLK
System clock input. Only the high going edge is
used internally, apart from TXWE generation.
FS
A 29.97 Hz frame strobe for the temporal reference
counter. Must be high for at least 4 SCLK periods.
RES
Active low reset signal. Must be low for at least 16
SCLK periods.
TXA14:0 Address output to Transmission buffer.
TXD7:0
Bidirectional data interface to Transmission buffer.
TXE1
Active low chip enable for the Transmission buffer.
If a 256kBit buffer is being used this Chip Enable
should be used.
TXE2
Active low chip enable for the Transmission buffer.
This is used for the optional second memory chip,
if a 512kBit buffer is being used.
TXWE
Active low write enable for the Transmission buffer.
TXOE
Active low O/P enable for the Transmission buffer.
TCK
Test clock for JTAG.
TMS
Test mode select.
TDI
Test data I/P.
TDO
Test data O/P.
TRST
JTAG reset.
TOE
When low ALL O/P pins are high impedance.
OPERATIONS OF MAJOR BLOCKS
Variable Length Coding
This block is responsible for ordering the data from the
VP2611 Encoder into the correct sequence for the H261 bit
stream, and for performing the variable length coding. It also
uses data supplied by the system controller and the Temporal
Reference Counter.
Data for PTYPE, PSPARE, GSPARE is only obtained
from the system controller, and only 8 bits of PSPARE and
GSPARE information can be transmitted per picture or GOB
respectively. The temporal reference can either be obtained
from an internal counter, from the VP2611 outputs, or can be
written by the system controller. The actual source is
determined by bits in a control register as described later. The
internal counter is clocked from either a frame clock with a
maximum frequency of 29.97Hz, or a 29.97Hz clock derived
from the 27MHz system clock, or it simply counts H.261
frames from the encoder.
There is no support provided for macroblock stuffing,
however FEC stuffing is implemented, and can be used to
provide bit stuffing.
This block is also responsible for converting the absolute
values that are output from the V2611 into the relative values
that are required in parts of the H261 bitstream. The VMUX
has been designed so that it can accept ±15 motion vectors,
rather than the +7/-8 motion vectors produced by the VP2611.
Thus it will be compatible with any future upgrades to the
VP2611 that increase the size of the motion estimator search
window.
VMUX Block
The VMUX section performs the bit packing on the data
coming from the variable length coder. This data is in the form
of a delimiter and a variable number of valid bits. The VMUX
section packs these variable length fields into bytes for
storage in the transmission buffer.
The transmission buffer is controlled by this block. It thus
generates read and write pointers, and performs the
arbitration between read and write operations. Buffer level
NOTE:
"Barred" active low signals do not appear with a
bar in the main body of the text.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com