Electronic Components Datasheet Search
  English  ▼

X  

OPA2192 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2192
Description  OPAx192 36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage,Low Input Bias Current Op Amp with e-trim?
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2192 Datasheet(HTML) 2 Page - Texas Instruments

  OPA2192 Datasheet HTML 1Page - Texas Instruments OPA2192 Datasheet HTML 2Page - Texas Instruments OPA2192 Datasheet HTML 3Page - Texas Instruments OPA2192 Datasheet HTML 4Page - Texas Instruments OPA2192 Datasheet HTML 5Page - Texas Instruments OPA2192 Datasheet HTML 6Page - Texas Instruments OPA2192 Datasheet HTML 7Page - Texas Instruments OPA2192 Datasheet HTML 8Page - Texas Instruments OPA2192 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
OPA192, OPA2192, OPA4192
SBOS620D – DECEMBER 2013 – REVISED SEPTEMBER 2015
www.ti.com
Table of Contents
8.1
Overview ................................................................. 23
1
Features .................................................................. 1
8.2
Functional Block Diagram ....................................... 23
2
Applications ........................................................... 1
8.3
Feature Description................................................. 24
3
Description ............................................................. 1
8.4
Device Functional Modes........................................ 30
4
Revision History..................................................... 2
9
Application and Implementation ........................ 31
5
Pin Configuration and Functions ......................... 4
9.1
Application Information............................................ 31
6
Specifications......................................................... 6
9.2
Typical Applications ................................................ 31
6.1
Absolute Maximum Ratings ..................................... 6
10
Power-Supply Recommendations ..................... 35
6.2
ESD Ratings.............................................................. 6
11
Layout................................................................... 35
6.3
Recommended Operating Conditions ....................... 6
11.1
Layout Guidelines ................................................. 35
6.4
Thermal Information: OPA192 .................................. 7
11.2
Layout Example .................................................... 36
6.5
Thermal Information: OPA2192 ................................ 7
12
Device and Documentation Support ................. 37
6.6
Thermal Information: OPA4192 ................................ 7
12.1
Device Support...................................................... 37
6.7
Electrical Characteristics: VS = ±4 V to ±18 V (VS =
+8 V to +36 V)............................................................ 8
12.2
Documentation Support ........................................ 37
6.8
Electrical Characteristics: VS = ±2.25 V to ±4 V (VS =
12.3
Related Links ........................................................ 37
+4.5 V to +8 V)......................................................... 10
12.4
Community Resources.......................................... 37
6.9
Typical Characteristics ............................................ 12
12.5
Trademarks ........................................................... 38
6.10
Typical Characteristics .......................................... 13
12.6
Electrostatic Discharge Caution ............................ 38
7
Parameter Measurement Information ................ 21
12.7
Glossary ................................................................ 38
7.1
Input Offset Voltage Drift......................................... 21
13
Mechanical, Packaging, and Orderable
8
Detailed Description ............................................ 23
Information ........................................................... 38
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (March 2015) to Revision D
Page
•
Changed device status to Production Data; OPA4192 released to Production .................................................................... 1
•
Deleted footnote 2 from Device Information table ................................................................................................................. 1
•
Deleted footnote 2 from Pin Configuration and Functions section ......................................................................................... 4
•
Changed ESD Ratings table: added correct OPA4192 CDM specifications ......................................................................... 6
•
Added Frequency Response, Crosstalk parameter to Electrical Characteristics: VS = ±4 V to ±18 V table ......................... 9
•
Added Frequency Response, Crosstalk parameter to Electrical Characteristics: VS = ±2.25 V to ±4 V table .................... 11
•
Changed Typical Characteristics to current standards (split curves and table of graphs into separate sections to be
SDS compliant) .................................................................................................................................................................... 12
•
Added Crosstalk vs Frequency row to Table 1 ................................................................................................................... 12
•
Added Figure 48 .................................................................................................................................................................. 20
Changes from Revision B (March 2014) to Revision C
Page
•
Added CDM row for OPA2192, OPA4192 in ESD Ratings table ........................................................................................... 6
•
Changed input offset voltage values for VCM ≥ (V+) – 1.5 V test condition............................................................................ 8
•
Changed Input offset voltage parameter typical specs for VCM = (V+) – 1.5 V test conditions ............................................. 8
•
Changed test conditions for dVOS/dT parameter .................................................................................................................... 8
•
Changed input offset voltage max values and test conditions for VCM = (V+) – 3 V test condition...................................... 10
•
Changed input offset voltage values and test conditions for VCM = (V+) – 1.5 V test condition .......................................... 10
•
Changed Input offset voltage parameter typical specs for VCM = (V+) – 1.5 V test conditions ............................................ 10
•
Changed test conditions for dVOS/dT parameter ................................................................................................................. 10
•
Added text to last bullet of Layout Guidelines section.......................................................................................................... 35
2
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: OPA192 OPA2192 OPA4192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com