Electronic Components Datasheet Search
  English  ▼

X  

G3207 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G3207
Description  0.75 SPDT Analog Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G3207 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G3207 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 1.0
Apr 30, 2008
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G3207
Global Mixed-mode Technology Inc.
0.75
Ω SPDT Analog Switch
Features
Low ON-State Resistance 0.75
Ω at 4.5V
Vcc
2.25V to 5.5V Power Supply (V+)
Isolation in Power-Down mode
1.65V to 1.95V Logic Supply (VIO)
Control Inputs Referenced to VIO
Low Charge Injection

Excellent ON Resistance Matching
Low supply Current (<1µA)
Break-before-make enable circuitry
WLCSP2X4-8 package
COM Port to GND 8KV HBM ESD
Applications
Cell Phones
PDAs
Portable Instrumentation
General Description
The G3207 is a low on-resistance, SPDT (Sin-
gle-Pole/Double-Throw) analog switch that operates
from a 2.25V to 5.5V supply. The device offers an ex-
cellent ON-resistance matching, and low total har-
monic distortion (THD) performance. The device is
designed for fast switching speeds with the break-
before-make feature to prevent signal distortion during
the transferring of signal from one channel to another.
These features make this device suitable for portable
audio applications. The G3207 has a separate logic
supply pin (VIO) that is characterized to operate from
1.65V to 1.95V. VIO powers the control circuitry, which
allows the G3207 to be controlled by 1.8V signals.
The G3207 is available in the WLCSP2X4-8 package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Pb free)
G3207B31U
3207
-40°C to 85°C
WLCSP2X4-8
Note: B3: WLCSP2X4-8
1: Bonding Code
U: Tape & reel
Pin Configuration
A1
8 Bump WLCSP
GND
NO
Bottom View
WLCSP2X4-8
GND
COM
B1
B2
A2
C1
VIO
NC
IN
V+
D1
D2
C2
A1
8 Bump WLCSP
GND
NO
Bottom View
WLCSP2X4-8
GND
COM
B1
B2
A2
C1
VIO
NC
IN
V+
D1
D2
C2


Similar Part No. - G3207

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
G3200 GREENLIANT-G3200 Datasheet
160Kb / 5P
SATA 2.5 EnduroSLC Industrial Enterprise SSD
G3200 GREENLIANT-G3200 Datasheet
1Mb / 2P
SATA 2.5 Enterprise SSD
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
Low-Voltage SPDT Analog Switch
G3202 GMT-G3202 Datasheet
294Kb / 3P
1 SPDT Analog Switch
G3202A GMT-G3202A Datasheet
679Kb / 2P
1 SPDT Analog Switch
More results

Similar Description - G3207

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A6542 TI-TS5A6542 Datasheet
259Kb / 19P
0.75-??SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542 Datasheet
321Kb / 21P
0.75-W DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542_09 Datasheet
420Kb / 22P
0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_10 Datasheet
432Kb / 22P
0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI1-TS5A26542_14 Datasheet
398Kb / 23P
0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI1-TS5A6542_14 Datasheet
759Kb / 23P
0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684_15 Datasheet
338Kb / 11P
SPDT Analog Switch
logo
Texas Instruments
TS5A6542 TI-TS5A6542_15 Datasheet
717Kb / 22P
0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_15 Datasheet
349Kb / 22P
0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
logo
Global Mixed-mode Techn...
G3208 GMT-G3208 Datasheet
109Kb / 1P
Dual 0.75 SPDT Analog Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com