Electronic Components Datasheet Search
  English  ▼

X  

G3205 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G3205
Description  Dual 1 SPDT Analog Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G3205 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G3205 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.2
May 31, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G3205
Global Mixed-mode Technology
Dual 1
Ω SPDT Analog Switch
Features
Maximum 1.15
Ω ON-State Resistance at 4.5V
Vcc
Low Charge Injection

Excellent ON Resistance Matching
+2.7V to +5.5V Single-Supply Operation
Low Total Harmonic Distortion
Low supply Current (<1µA)
Break-before-make enable circuitry
Control inputs 5-V Tolerant
MSOP-10 package is available
Applications
Cell Phones
PDAs
Portable Instrumentation
Audio and Video Signal Routing
General Description
The G3205 is a dual low on-resistance, SPDT (Sin-
gle-Pole/Double-Throw) analog switch that operates
from a 2.7V to 5.5V supply. The device offers an ex-
cellent ON-resistance matching, and low total har-
monic distortion (THD) performance. The device is
designed for fast switching speeds with the break-
before-make feature to prevent signal distortion during
the transferring of signal from one channel to another.
These features make this device suitable for portable
audio applications.
The G3205 is available in the MSOP-10 package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G3205P71U
G3205
-40°C to +85°C
MSOP-10
Note: P7: MSOP-10
1: Bonding Code
U: Tape & Reel
Pin Configuration
1
2
3
4
5
IN1
NO1
NO2
IN2
GND
MSOP-10
G3205
10
9
8
7
6
COM1
NC1
NC2
COM2
V+
1
2
3
4
5
IN1
NO1
NO2
IN2
GND
MSOP-10
G3205
10
9
8
7
6
COM1
NC1
NC2
COM2
V+


Similar Part No. - G3205

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
G3200 GREENLIANT-G3200 Datasheet
160Kb / 5P
SATA 2.5 EnduroSLC Industrial Enterprise SSD
G3200 GREENLIANT-G3200 Datasheet
1Mb / 2P
SATA 2.5 Enterprise SSD
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
Low-Voltage SPDT Analog Switch
G3202 GMT-G3202 Datasheet
294Kb / 3P
1 SPDT Analog Switch
G3202A GMT-G3202A Datasheet
679Kb / 2P
1 SPDT Analog Switch
More results

Similar Description - G3205

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS5A3159 TI-TS5A3159 Datasheet
232Kb / 21P
1 SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
Dual SPDT Analog Switch
25-Apr-11
logo
Global Mixed-mode Techn...
G3202A GMT-G3202A Datasheet
679Kb / 2P
1 SPDT Analog Switch
G3203 GMT-G3203 Datasheet
616Kb / 11P
0.9/ 1 Dual SPDT Analog Switch
logo
Texas Instruments
TS5A3159-Q1 TI-TS5A3159-Q1 Datasheet
919Kb / 25P
1- SPDT ANALOG SWITCH
TS5A3159 TI1-TS5A3159_14 Datasheet
712Kb / 28P
1 SPDT ANALOG SWITCH
logo
SG Micro Corp
SGM4157 SGMICRO-SGM4157_15 Datasheet
317Kb / 11P
SPDT 1 Analog Switch
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
DUAL SPDT ANALOG SWITCH
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Global Mixed-mode Techn...
G3202 GMT-G3202 Datasheet
294Kb / 3P
1 SPDT Analog Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com