Electronic Components Datasheet Search
  English  ▼

X  

G2986 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G2986
Description  LPDDR2/LPDDR3 Termination Regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2986 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G2986 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.2
Aug 28, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G2986
Global Mixed-mode Technology
LPDDR2/LPDDR3 Termination Regulator
Features
Support 1.2V LPDDR2/LPDDR3 and DDR IIIL
(0.675VTT) Requirements
Input Voltage Range: 3V to 5.5V
VLDOIN Voltage Range: 1.2V to 3.6V
Requires Only 20µF Ceramic Output Capaci-
tance
Supports High-Z in S3 and Soft-Off in S5
Integrated Divider Tracks 1/2 VDDQSNS for
Both VTT and VTTREF
Remote Sensing (VTTSNS)
±20mV Accuracy for VTT and VTTREF
10mA Buffered Reference (VTTREF)
Built-In Soft-Start
Over Current Protection
Thermal Shutdown Protection
TDFN2X2-10 Package
Applications
DDR IIIL Memory Termination
LPDDR2/LPDDR3 Memory Termination
SSTL−2, SSTL−18
HSTL Termination
General Description
The G2986 is a 3A sink/source tracking termination
regulator. It is specifically designed for low-cost/
low-external component count systems. The G2986
maintains a high speed operational amplifier that pro-
vides fast load transient response and only requires
20µF (2
×10µF) of ceramic output capacitance. The
G2986 supports remote sensing functions and all fea-
tures required to power the LPDDR2 /LPDDR3 /DDR
IIIL VTT bus termination according to the JEDEC
specification. In addition, the G2986 includes inte-
grated sleep-state controls placing VTT in High-Z in
S3 (suspend to RAM) and soft-off for VTT and
VTTREF in S5 (Shutdown). The G2986 is available in
the thermally efficient TDFN2X2-10.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G2986K21U
2986
-40°C~85°C
TDFN2X2-10
G2986K21D
2986
-40°C~85°C
TDFN2X2-10
Note: K2:TDFN 2X2-10
1:Bonding Code
U & D: Tape & Reel
Pin Configuration
Typical Application Circuit
S5
VDDQSNS
VLDOIN
PGND
VTTSNS
VTT
GND
S3
VIN
VTTREF
DDR II
LPDDRII/LPDDRIII
VDDQSNS
VIN
VLDOIN
VTT
GND
PGND
S3
S5
VIN=3.3V
2x10µF
VTTSNS
VTTREF
S5
1.2V
S3
0.1µF
C2
C1
Note: Recommend connecting the Thermal
Pad to the GND or let it keep floating.
TDFN2X2-10
4
G2986
1
2
3
8
7
6
5
9
10
4
1
2
3
8
7
6
5
9
10
Thermal
Pad
(EP)
S5
VDDQSNS
VLDOIN
PGND
VTTSNS
VTT
GND
S3
VIN
VTTREF
DDR II
LPDDRII/LPDDRIII
VDDQSNS
VIN
VLDOIN
VTT
GND
PGND
S3
S5
VIN=3.3V
2x10µF
VTTSNS
VTTREF
S5
1.2V
S3
0.1µF
C2
C1
Note: Recommend connecting the Thermal
Pad to the GND or let it keep floating.
TDFN2X2-10
4
G2986
1
2
3
8
7
6
5
9
10
4
1
2
3
8
7
6
5
9
10
Thermal
Pad
(EP)


Similar Part No. - G2986

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G2985 GMT-G2985 Datasheet
70Kb / 1P
DDR Termination Regulator
G2987 GMT-G2987 Datasheet
94Kb / 1P
DDR Termination Regulator
More results

Similar Description - G2986

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP51200 ONSEMI-NCP51200 Datasheet
143Kb / 7P
Termination Regulator
September, 2014 ??Rev. 5
NCP51400 ONSEMI-NCP51400 Datasheet
168Kb / 7P
Termination Regulator
June, 2015 ??Rev. 2
NCP51402 ONSEMI-NCP51402 Datasheet
343Kb / 7P
Termination Regulator
November, 2015 ??Rev. 0
NCP51510 ONSEMI-NCP51510 Datasheet
147Kb / 7P
Termination Regulator
April, 2015 ??Rev. 2
NCP51401 ONSEMI-NCP51401 Datasheet
131Kb / 6P
Termination Regulator
March, 2015 ??Rev. P0
NCP51403 ONSEMI-NCP51403 Datasheet
421Kb / 7P
Termination Regulator
May, 2016 ??Rev. 1
NCP51402 ONSEMI-NCP51402_16 Datasheet
336Kb / 7P
Termination Regulator
May, 2016 ??Rev. 1
NCP51200 ONSEMI-NCP51200_18 Datasheet
152Kb / 8P
Termination Regulator
February, 2018 ??Rev. 8
NCP51200 ONSEMI-NCP51200_V01 Datasheet
326Kb / 11P
Linear Voltage Regulator 3A for DDR1, DDR2, DDR3, LPDDR3, DDR4 VTT Termination
June, 2021 - Rev. 14
NCP51400 ONSEMI-NCP51400_V01 Datasheet
261Kb / 9P
3 Amp VTT Termination Regulator DDR1, DDR2, DDR3, LPDDR3, DDR4
June, 2020 - Rev. 6
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com