Electronic Components Datasheet Search
  English  ▼

X  

G2985 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G2985
Description  DDR Termination Regulator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2985 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G2985 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver:1.0
Mar 07, 2014
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G2985
Global Mixed-mode Technology
DDR Termination Regulator
Features
VIN Input Voltage Range: 2.5V to 5.5V
VLDOIN Voltage Range: 1.1V to 3.5V
Support DDR I (1.25 VTT), DDR II (0.9 VTT),
DDR III (0.75 VTT), DDR IIIL (0.675VTT) and
DDR IV (0.6 VTT) Requirements
Stable with Output Ceramic Capacitor
PGOOD to Monitor Output Regulation
EN Input for Shutdown Function (S3 Mode)
Remote Sensing (VOSNS)
2A Source and Sink Current
±25mV Accuracy for VTT Refers to VTTREF
±10mA Buffered Reference (VTTREF)
Built-In Soft-Start and UVLO
Over Current Protection
Thermal Shutdown Protection
TDFN3X3-10 (Thermal Pad) Package
Applications
DDR I/II/III/IIIL/IV Memory Termination
SSTL_3, SSTL_2, SSTL_18, SSTL_15
HSTL Termination
Notebook/Desktop/Server
Telecom/Datacom, GSM Base Station,
LCD-TV/PDP-TV, Copier/Printer, Set-Top Box
General Description
The G2985 is a linear regulator designed to meet the
JEDEC SSTL (Series Stub Termination Logic) speci-
fications in DDRI/II/III/IIIL/IV –SDRAM systems. It is
designed for the system which has low input voltage,
low cost, low noise and space consideration.
The G2985 provides accurate and fast response with
up to 2A source/sink ability in load transient to track
reference voltage with typically 20µF output capacitor.
The terminated voltage can be generated by two ex-
ternal resistors or programmed by forcing REFIN pin
at a desired voltage. Also the G2985 provides an
open-drain PGOOD flag which monitors the output
regulation and an EN signal to discharge VTT during
STR (S3) mode.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G2985RE1D
2985
-40°C~85°C
TDFN3X3-10
Note: RE: TDFN3X3-10
1: Bonding code
D: Tape & Reel
Pin Configuration
Typical Application
TDFN3X3-10
4
G2985
1
2
3
8
7
6
GND
5
9
10
PGND
TDFN3X3-10
4
1
2
3
8
7
6
VO
REFIN
VLDOIN
VIN
EN
5
9
10
VOSNS
REFOUT
Thermal
Pad
PGOOD
REFIN
VIN
EN
VDDQ
0.1µF
VLDOIN
VO
PGND
VOSNS
GND
1
2
3
4
5
9
G2985
10
PGOOD
8
7
6
REFOUT
SLP_S3
VTTREF
VLDOIN
VTT
PGOOD
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.
TDFN3X3-10
4
G2985
1
2
3
8
7
6
GND
5
9
10
PGND
TDFN3X3-10
4
1
2
3
8
7
6
VO
REFIN
VLDOIN
VIN
EN
5
9
10
VOSNS
REFOUT
Thermal
Pad
PGOOD
REFIN
VIN
EN
VDDQ
0.1µF
VLDOIN
VO
PGND
VOSNS
GND
1
2
3
4
5
9
G2985
10
PGOOD
8
7
6
REFOUT
SLP_S3
VTTREF
VLDOIN
VTT
PGOOD
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.


Similar Part No. - G2985

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G2986 GMT-G2986 Datasheet
135Kb / 1P
LPDDR2/LPDDR3 Termination Regulator
G2987 GMT-G2987 Datasheet
94Kb / 1P
DDR Termination Regulator
More results

Similar Description - G2985

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5595 UTC-UR5595 Datasheet
312Kb / 12P
DDR TERMINATION REGULATOR
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
DDR Termination Regulator
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
DDR TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9089A RICHTEK-RT9089A Datasheet
195Kb / 10P
DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2997 GMT-G2997_15 Datasheet
148Kb / 2P
DDR Termination Regulator
G2995 GMT-G2995_15 Datasheet
185Kb / 2P
DDR Termination Regulator
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
DDR Termination Regulator
logo
Richtek Technology Corp...
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
DDR Termination Regulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com