Electronic Components Datasheet Search
  English  ▼

X  

G2621 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G2621
Description  High Efficiency, Constant Current 40V White-LEDs Driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2621 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G2621 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.1
Jan 24, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G2621
Global Mixed-mode Technology
High Efficiency, Constant Current 40V White-LEDs
Driver
Feature
Operating Voltage: 2.5V to 5.5V.
High Operating Frequency: 1MHz
High Output Voltage: Up to 40V(Typ.)
Digital Dimming Control.
Built-in Cycle-by Cycle Current-Limiting.
Built-in Soft-Start Function.
0.2V Low Reference Voltage
Thermal Overload Protection
SOT-23-6 Package
Application
GPS Navigation System
Compact Back Light Module
Constant Current Source
LED Module
Description
The G2621 step-up converter drives white LEDs with a
constant current to provide backlight in cell phones,
PDAs, and other hand-held devices. It features allowing
series connection of the white LEDs so that the LED
currents are identical for uniform brightness. An enable
input can be pulsed repeatedly to adjust LED’s
brightness. The fast 1.0MHz current-mode PWM control
allows for smaller capacitor and inductor. Fault condition
protection uses cycle-by-cycle current limiting to sense
maximum inductor current, thermal protection and
over-voltage protection. Also included soft-start eliminates
inrush current during start-up. The 0.2V low reference
voltage
minimized
the
power
loss
across
the
current-setting resistor.
The G2621 is available in SOT-23-6 packages.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G2621TB1U
2621x
-40°C to 85°C
SOT-23-6
Note: TB: SOT23-6
1: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
Use the tantalum capacitor to eliminate inductor noise on
※
output terminal when you want to control dimming function.
VIN
EN
OVP
GND
FB
LX
1
2
3
4
5
6
G2621
SOT-23-6
VIN
EN
OVP
GND
FB
LX
1
2
3
4
5
6
G2621
SOT-23-6


Similar Part No. - G2621

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G2620 GMT-G2620 Datasheet
140Kb / 1P
High Efficiency, Constant Current 36V, 1A LED Driver with Internal Switch
More results

Similar Description - G2621

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5114 GMT-G5114 Datasheet
428Kb / 9P
High Efficiency, Constant Current Output for 8 Series LEDs Driver
logo
Aimtron Technology
AT1312 AIMTRON-AT1312 Datasheet
408Kb / 16P
High Efficiency, Constant Current White-LEDs Driver
AT1313 AIMTRON-AT1313 Datasheet
195Kb / 12P
High Efficiency, Constant Current White-LED Driver
logo
Kingbor Technology Co
KB4313 KINGBOR-KB4313 Datasheet
210Kb / 10P
High Efficiency, Constant Current 12 Watt Boost White-LED Driver
KB4314 KINGBOR-KB4314 Datasheet
150Kb / 9P
High Efficiency, Constant Current 1 Watt Boost White-LED Driver
KB4317 KINGBOR-KB4317 Datasheet
146Kb / 9P
High Efficiency, Constant Current 2 Watt Boost White-LED Driver
logo
Global Mixed-mode Techn...
G2619 GMT-G2619 Datasheet
109Kb / 1P
High Efficiency, Constant Current 20V White- LEDs Driver
G5126 GMT-G5126 Datasheet
107Kb / 1P
High Efficiency, Constant Current, Boost DC/DC White-LEDs Drive
AT1316A GMT-AT1316A Datasheet
101Kb / 1P
High Efficiency, Constant Current 20V White-LEDs Driver
AT5160 GMT-AT5160 Datasheet
121Kb / 2P
High Efficiency, Constant Current 40V White-LEDs Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com