Electronic Components Datasheet Search
  English  ▼

X  

G2610 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G2610
Description  High Efficiency, Constant Current 36V, 1A LED Driver with Internal Switch
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2610 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G2610 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.5
Jun 24, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G2610
Global Mixed-mode Technology
High Efficiency, Constant Current 36V, 1A LED
Driver with Internal Switch
Feature
Operating Voltage: 7V to 36V
Output driving current up to 1A (1 × LED)
Internal PWM filter
Shutdown Current <20
μA (Typ)
Digital Dimming Control
Thermal Overload Protection
Open/Shorted LED Protection
SOP-8, SOT-23-5 and SOT-89-5 Package
Application
GPS Navigation System
Compact Back Light Module
Constant Current Source
LED Module
Description
The G2610 is a step-down converter, designed for
driving high-brightness LED. The device operates over a
7V to 36V input voltage and driving current from few
milliamps up to 1A.
The device built-in Overload Protection to prevent
operating fails condition.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
REMARK
G2610P11U
G2610
-30°C to +105°C
SOP-8
OBSOLETE
G2610T11U
2610x
-30°C to +105°C
SOT-23-5
OBSOLETE
G2610TE1U
2610
-30°C to +105°C
SOT-89-5
OBSOLETE
Note: P1: SOP-8
T1: SOT23-5
TE:SOT-89-5
1: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
CDC=0.1µF
VIN=7V~36V
CIN=4.7µF
CS=0.1µF
RS=0.1Ω
D1
(Option)
L1=47µH
LX
VIN
GND
SHDN
SENSE
*The PCB layout of G2610 must be carefully designed, otherwise the SENSE pin would be disturbed.
An optioned 0.1µF decoupling capacitor(Cs) between VIN and SENSE is suggested, please place it
as closely to VIN and SENSE as possible.
SENSE
SOT-23-5
5
4
1
2
3
GND
SHDN
VIN
LX
G2610
VIN
NC
8
6
5
1
2
3
4
SENSE
AGND
SHDN
PGND
LX
LX
SOP-8
G2610
7
SHDN
SOT-89-5
G2610
1
23
5
4
GND
SENSE
VIN
LX
CDC=0.1µF
VIN=7V~36V
CIN=4.7µF
CS=0.1µF
RS=0.1Ω
D1
(Option)
L1=47µH
LX
VIN
GND
SHDN
SENSE
*The PCB layout of G2610 must be carefully designed, otherwise the SENSE pin would be disturbed.
An optioned 0.1µF decoupling capacitor(Cs) between VIN and SENSE is suggested, please place it
as closely to VIN and SENSE as possible.
SENSE
SOT-23-5
5
4
1
2
3
GND
SHDN
VIN
LX
G2610
VIN
NC
8
6
5
1
2
3
4
SENSE
AGND
SHDN
PGND
LX
LX
SOP-8
G2610
7
SHDN
SOT-89-5
G2610
1
23
5
4
GND
SENSE
VIN
LX


Similar Part No. - G2610

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G261 GMT-G261 Datasheet
227Kb / 5P
Low Voltage Differential (LVD) SCSI 27 Line Regulator Set
G2619 GMT-G2619 Datasheet
109Kb / 1P
High Efficiency, Constant Current 20V White- LEDs Driver
logo
IDEA.lnc.
G261B IDEA-G261B Datasheet
52Kb / 1P
T-1, (3-mm) Round, PCB Mount Right Angle Array
logo
Global Mixed-mode Techn...
G261P1U GMT-G261P1U Datasheet
227Kb / 5P
Low Voltage Differential (LVD) SCSI 27 Line Regulator Set
G261P1UF GMT-G261P1UF Datasheet
227Kb / 5P
Low Voltage Differential (LVD) SCSI 27 Line Regulator Set
More results

Similar Description - G2610

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLD1362 ZETEX-ZXLD1362 Datasheet
866Kb / 32P
1A LED driver with internal switch
logo
Power Analog Micoelectr...
PAM2804 PAM-PAM2804 Datasheet
213Kb / 11P
1A Step-Down Constant Current, High Efficiency LED Driver
logo
Global Mixed-mode Techn...
G2620 GMT-G2620 Datasheet
140Kb / 1P
High Efficiency, Constant Current 36V, 1A LED Driver with Internal Switch
G2605 GMT-G2605 Datasheet
80Kb / 1P
High Efficiency, Constant Current 36V LED driver
logo
Diodes Incorporated
PAM2861 DIODES-PAM2861 Datasheet
346Kb / 12P
1A LED DRIVER WITH INTERNAL SWITCH
Rev 1
logo
Tontek Design Technolog...
TTP932 TONTEK-TTP932 Datasheet
911Kb / 21P
1A LED Driver with internal switch
logo
Diodes Incorporated
PAM2804 DIODES-PAM2804 Datasheet
461Kb / 10P
1A STEP-DOWN CONSTANT CURRENT, HIGH EFFICIENCY LED DRIVER
Rev 3
logo
Feeling Technology Corp...
FP7152 FEELING-FP7152 Datasheet
338Kb / 14P
1A LED Driver with Internal Switch
logo
Maxic Technology Corpor...
MT7201C MAXIC-MT7201C Datasheet
81Kb / 1P
1A LED driver with internal switch
logo
SHOUDING Shouding Semic...
SD3314A SHOUDING-SD3314A Datasheet
441Kb / 8P
HIGH EFFICIENCY 1A STEP-DOWN CONSTANT CURRENT LED DRIVER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com