Electronic Components Datasheet Search
  English  ▼

X  

G2602 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G2602
Description  High Voltage Multi-Topology LED Driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2602 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G2602 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.3
Sep 20, 2010
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G2602
Global Mixed-mode Technology Inc.
High Voltage Multi-Topology LED Driver
Features
High Voltage : VIN up to 36V, VOUT up to 36V
2.5A Switch Current
Buck, Boost or Buck-Boost Operation
Current Mode PWM with 500KHz Switching Fre-
quency
Easy dimming : Analog, PWM or PWM Con-
verting to Analog with One External Capacitor
Soft Start to Avoid Inrush Current
Programmable Over Voltage Protection to Limit
Output Voltage
VIN Under Voltage Lockout and Thermal Shut-
down
12-Lead TDFN and MSOP-10 (FD) Package
Applications
GPS, Portable DVD Backlight
Desk Light and Room Lighting
Industrial Display Backlight
General Description
The G2602 is a current mode DC/DC converter with
an internal 2.5A, 40V switch specifically designed to
drive LEDs. The G2602 operates as a LED driver in
buck, boost and buck-boost mode. The LED current is
externally programmable with a 120mV sense resistor.
With a 500KHz operating frequency, the external in-
ductor and input/output capacitors can all be small.
Dimming can be either analog, PWM, or PWM con-
verting to analog with an external capacitor.
The G2602 is available in TDFN-12L 3x3 and MSOP-10
(FD) package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G2602RQ1U
2602
-30°C to +105°C
TDFN3X3-12
G2602F61U
G2602
-30°C to +105°C MSOP-10 (FD)
Note: RQ:TDFN3X3-12
F6:MSOP-10 (FD)
1: Bonding Code
U: Tape & Reel
Pin Configuration
G2602
TDFN3X3-12
G5625
TG
LX
OVP
VC
ISP
VIN
1
2
3
4
12
11
10
5
Thermal
Pad
VP5
ISN
6
7
8
9
GND
DCTL
ACTL
EN
Note: Recommend connecting the Thermal Pad to the Ground for excellent power dissipation.
ACTL
OVP
10
8
7
1
2
3
4
LX
VP5
GND
VIN
ISP
ISN
VC
MSOP-10 (FD)
G2602
9
6
5
EN
Thermal
Pad
Top View
G2602
TDFN3X3-12
G5625
TG
LX
OVP
VC
ISP
VIN
1
2
3
4
12
11
10
5
Thermal
Pad
VP5
ISN
6
7
8
9
GND
DCTL
ACTL
EN
Note: Recommend connecting the Thermal Pad to the Ground for excellent power dissipation.
ACTL
OVP
10
8
7
1
2
3
4
LX
VP5
GND
VIN
ISP
ISN
VC
MSOP-10 (FD)
G2602
9
6
5
EN
Thermal
Pad
Top View


Similar Part No. - G2602

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
G260 EIC-G260 Datasheet
26Kb / 1P
SIDACs
logo
New Jersey Semi-Conduct...
G260 NJSEMI-G260 Datasheet
84Kb / 1P
SIDACs
logo
Global Mixed-mode Techn...
G2605 GMT-G2605 Datasheet
80Kb / 1P
High Efficiency, Constant Current 36V LED driver
logo
Vishay Siliconix
G26093330G2C000 VISHAY-G26093330G2C000 Datasheet
133Kb / 7P
Axial Vitreous Leaded Wirewound Resistors
28-Mar-17
G26093330G4B000 VISHAY-G26093330G4B000 Datasheet
133Kb / 7P
Axial Vitreous Leaded Wirewound Resistors
28-Mar-17
More results

Similar Description - G2602

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS43000PWR TI1-TPS43000PWR Datasheet
766Kb / 31P
MULTI-TOPOLOGY HIGH-FREQUENCY PWM CONTROLLER
logo
Richtek Technology Corp...
RT8474A RICHTEK-RT8474A Datasheet
207Kb / 13P
High Voltage Multiple-Topology LED Driver
RT8477A RICHTEK-RT8477A Datasheet
200Kb / 13P
High Voltage High Multiple-Topology Current LED Driver
logo
Texas Instruments
TPS43000 TI-TPS43000_15 Datasheet
752Kb / 32P
MULTI-TOPOLOGY HIGH-FREQUENCY
TPS92691 TI1-TPS92691 Datasheet
1Mb / 46P
Multi-Topology LED Driver With Rail-to-Rail Current Sense Amplifier
logo
Integrated Silicon Solu...
IS31LT3515 ISSI-IS31LT3515 Datasheet
181Kb / 2P
High Voltage LED Lighting Driver for Buck, Boost or Buck-boost Topology
logo
Richtek Technology Corp...
RT8498 RICHTEK-RT8498 Datasheet
232Kb / 12P
8V Multi-Topology LED Driver with Dimming Control
logo
Bright Power Semiconduc...
BP5136HC BPS-BP5136HC Datasheet
429Kb / 2P
High Voltage Multi-channel linear LED Driver
logo
Texas Instruments
LP8868U-Q1 TI-LP8868U-Q1 Datasheet
2Mb / 40P
LP8868-Q1 Automotive Multi-Topology LED Driver with Inductive Fast Dimming
REVISED NOVEMBER 2023
LP8865U-Q1 TI1-LP8865U-Q1 Datasheet
5Mb / 48P
LP8865-Q1 Automotive Multi-Topology LED Driver with Inductive Fast Dimming
NOVEMBER 2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com