Electronic Components Datasheet Search
  English  ▼

X  

G2523 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G2523
Description  Integrated LCD Bias Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2523 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G2523 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G2523 Datasheet HTML 2Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ver: 0.1
Aug 22, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G2523
Global Mixed-mode Technology
Integrated LCD Bias Power Supply
Features
2.6V~5.5V Supply Range
Current Mode Boost Regulator for AVDD
0.15Ω/20V/3A Embedded NMOS switch
Fixed 1.2MHz Switching Frequency
Up to 85% Efficiency
1% Output Regulation
Voltage Mode Buck-Boost Regulator for VGL
Fixed 600kHz Switching Frequency
Up to 85% Efficiency
1% Output Regulation
Charge Pump Regulator for VGH
3-Channel Rail-to-Rail Unity-Gain Operational
Amplifier
±200mA Output Short Circuit Current
20V/µs Slew Rate
18MHz, -3dB Bandwidth
Built-In Power On Sequence and Soft Start
Function
Protections:
Input Under Voltage Lockout (UVLO)
Over Current Protection for AVDD (OCP)
Output Under Voltage Protection for AVDD,
VGH and VGL (UVP)
Output Over Voltage Protection for AVDD,
VGL (OVP)
Operational Amplifier Short Circuit Protection
(SCP)
Over Temperature Protection (OTP)
QFN5X5-32 Package
RoHS Compliant
Applications
LCD TV Panel
LCD Monitor Panel
General Description
The G2523 includes a high-performance boost regulator,
a buck-boost controller, a high voltage charge pump
regulator, 3 VCOM buffers (unity-gain OPA) for ac-
tive-matrix thin-film transistor (TFT) liquid-crystal dis-
plays (LCDs).
The boost regulator provides the regulated supply
voltage for the panel source driver ICs. It is a high
switching frequency (1.2MHz) current-mode regulator
with an integrated 20V/0.15Ω NMOS switch that al-
lows the use of ultra small inductors and ceramic ca-
pacitors. It provides fast transient response to pulsed
loading while achieving efficiency over 85%. The de-
vice can produce output voltage as high as 18V from
an input as low as 2.8V.
A voltage mode buck-boost controller cooperates with
external temperature sensor provide compensated
gate-off voltage supply to the level shifters. While the
charge pump controller regulates the external charge
pump voltage source to supply for other devices.
The VCOM buffer can drive the LCD VCOM voltage
that features high short-circuit current (200mA), fast
slew rate (20V/µs), wide bandwidth (8MHz) and
rail-to-rail input/output.
The G2523 features extensive protection functions
that include UVLO, OCP, UVP, OVP, and OTP. It is
available in a QFN5X5-32 package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G2523QA1U
2523
-40°C to +85°C
QFN5X5-32
Note: QA: QFN5X5-32
1: Bonding Code
U: Tape & Reel


Similar Part No. - G2523

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G2521 GMT-G2521 Datasheet
198Kb / 2P
Integrated LCD Bias Power Supply with Level Shifter
logo
Multicomp Pro
G252515B MULTICOMP-G252515B Datasheet
132Kb / 1P
Potting Box
29/04/20 V1.0
G252515L MULTICOMP-G252515L Datasheet
132Kb / 1P
Potting Box
29/04/20 V1.0
G252525B MULTICOMP-G252525B Datasheet
132Kb / 1P
Potting Box
29/04/20 V1.0
More results

Similar Description - G2523

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX749 MAXIM-MAX749 Datasheet
105Kb / 12P
Digitally Adjustable LCD Bias Supply
Rev 1; 2/95
logo
Texas Instruments
TPS65170 TI-TPS65170 Datasheet
4Mb / 33P
LCD Bias Supply
TPS65163 TI1-TPS65163 Datasheet
1Mb / 43P
LCD Bias Supply With Integrated Level Shifters
logo
Global Mixed-mode Techn...
G2521 GMT-G2521 Datasheet
198Kb / 2P
Integrated LCD Bias Power Supply with Level Shifter
G5520A GMT-G5520A Datasheet
186Kb / 1P
Bias Power Supply for TFT LCD Panels
G5520 GMT-G5520 Datasheet
140Kb / 1P
Bias Power Supply for TFT LCD Panels
G5567 GMT-G5567 Datasheet
118Kb / 1P
6-CH Bias Power Supply for LCD TVs
logo
Texas Instruments
LM36272 TI1-LM36272 Datasheet
695Kb / 9P
Integrated Backlight Driver With Integrated LCD Bias
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
Integrated Backlight Driver With Integrated LCD Bias
TPS65110 TI1-TPS65110_14 Datasheet
384Kb / 15P
LTPS-LCD BIAS POWER SUPPLY, TRIPLE CHARGE PUMP
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com