Electronic Components Datasheet Search
  English  ▼

X  

G2521 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G2521
Description  Integrated LCD Bias Power Supply with Level Shifter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2521 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G2521 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G2521 Datasheet HTML 2Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ver: 0.1
Oct 28, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G2521
Global Mixed-mode Technology
Integrated LCD Bias Power Supply with Level Shifter
Features
2.6V~5.5V Supply Range
Current Mode Boost Regulator for AVDD
0.1Ω/20V/3A Embedded NMOS switch
Fixed 1.2MHz Switching Frequency
Up to 85% Efficiency
1% Output Regulation
Voltage Mode Buck-Boost Regulator for VGOFF
Fixed 600kHz Switching Frequency
Up to 85% Efficiency
1% Output Regulation
Charge Pump Regulator for VGON
3-Channel Rail-to-Rail Unity-Gain Operational
Amplifier
±200mA Output Short Circuit Current
20V/µs Slew Rate
18MHz, -3dB Bandwidth
Built-In Power On Sequence and Soft Start
Function
7-Channel Level Shifter
+33V Highest Voltage Level
-30V Lowest Voltage Level
Maximum 1µs Rising/Falling Time
300mA Peak Current
15mA Continuous Current
Adjustable Gate Shading Function
Opened Drain Pull High VGLC Signal
Protections:
Input Under Voltage Lockout (UVLO)
Over Current Protection for AVDD (OCP)
Output Under Voltage Protection for AVDD,
GON and GOFF (UVP)
Output Over Voltage Protection for AVDD,
GON and GOFF (OVP)
Operational Amplifier Short Circuit Protection
(SCP)
Over Temperature Protection (OTP)
TQFN6x6-48L Package
RoHS Compliant
Applications
LCD TV Panel
LCD Monitor Panel
General Description
The G2521 includes a high-performance boost regulator,
a buck-boost controller, a high voltage charge pump
regulator, 3 VCOM buffers (unity-gain OPA), open-drain
pull high VGLC signal generator and 7-channel level
shifter with adjustable gate shading function for ac-
tive-matrix thin-film transistor (TFT) liquid-crystal dis-
plays (LCDs).
The boost regulator provides the regulated supply
voltage for the panel source driver ICs. It is a high
switching frequency (1.2MHz) current-mode regulator
with an integrated 20V/0.1Ω NMOS switch that al-
lows the use of ultra small inductors and ceramic ca-
pacitors. It provides fast transient response to pulsed
loading while achieving efficiency over 85%. The de-
vice can produce output voltage as high as 18V from
an input as low as 2.8V.
A voltage mode buck-boost controller cooperates with
external temperature sensor provide compensated
gate-off voltage supply to the level shifters. While the
charge pump controller regulates the external charge
pump voltage source to supply for the level shifters.
The level shifters transform the logic-level control sig-
nals generated by the display timing controller (TCON)
into the high-level signals needed by LCD panel. Each
channel of level shifter output uses low impedance tran-
sistors to achieve fast rising and falling time, even when
driving the capacitive loads present in LCD applications.
Channel 1 to 6 supports gate voltage shading. They are
organized in two groups, each with its own shading dis-
charge resistor output. External R-C timer defines
shading period though the DTS input.
The VCOM buffer can drive the LCD VCOM voltage
that features high short-circuit current (200mA), fast
slew rate (20V/µs), wide bandwidth (8MHz) and
rail-to-rail input/output.
The G2521 features extensive protection functions
that include UVLO, OCP, UVP, OVP, SCP and OTP. It
is available in a TQFN6x6-48L package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G2521RP1U
2521
-40°C to +85°C
TQFN6X6-48
Note: RP: TQFN6x6-48
1: Bonding Code
U: Tape & Reel


Similar Part No. - G2521

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G2523 GMT-G2523 Datasheet
197Kb / 2P
Integrated LCD Bias Power Supply
logo
Multicomp Pro
G252515B MULTICOMP-G252515B Datasheet
132Kb / 1P
Potting Box
29/04/20 V1.0
G252515L MULTICOMP-G252515L Datasheet
132Kb / 1P
Potting Box
29/04/20 V1.0
G252525B MULTICOMP-G252525B Datasheet
132Kb / 1P
Potting Box
29/04/20 V1.0
More results

Similar Description - G2521

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65170 TI-TPS65170 Datasheet
4Mb / 33P
LCD Bias Supply
TPS65142 TI1-TPS65142 Datasheet
2Mb / 32P
LCD Bias Power Integrated with WLED Backlight Drivers
TPS65163 TI1-TPS65163 Datasheet
1Mb / 43P
LCD Bias Supply With Integrated Level Shifters
logo
Global Mixed-mode Techn...
G1588 GMT-G1588 Datasheet
225Kb / 2P
10-CH Level Shifter Integrated with Gate Power
G2523 GMT-G2523 Datasheet
197Kb / 2P
Integrated LCD Bias Power Supply
logo
Texas Instruments
LM36272 TI1-LM36272 Datasheet
695Kb / 9P
Integrated Backlight Driver With Integrated LCD Bias
LM36273 TI1-LM36273 Datasheet
695Kb / 9P
Integrated Backlight Driver With Integrated LCD Bias
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
Integrated Backlight Driver With Integrated LCD Bias
TPS65154 TI1-TPS65154 Datasheet
2Mb / 87P
LCD Bias IC with Integrated WLED Driver
logo
ON Semiconductor
FXLP4555 ONSEMI-FXLP4555 Datasheet
818Kb / 15P
SIM Card Power Supply and Level Shifter
May 2011 Rev. 1.0.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com