Electronic Components Datasheet Search
  English  ▼

X  

G2129 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G2129
Description  1-2-4-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing and 짹15kV ESD Protection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2129 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G2129 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.4
Sep 14, 2013
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G2129
Global Mixed-mode Technology
1-2-4-Bit Bidirectional Voltage-Level Translator
with Automatic Direction Sensing and ±15kV ESD
Protection
Features
1.2V to 3.6V on A port and 1.65V to 5.5V on
B port
(VCCA ≤ VCCB)
VCC Isolation Feature-If Either V
CC Input Is at
GND, All Outputs Are in the High-Impedance
State
EO Input Circuit Referenced to VCCA
Low Power Consumption, 5µA Max ICC
No Power-Supply Sequencing Required-Either
VCCA or VCCB Can be Ramped First
Ioff Supports Partial-Power-Down Mode
Operation
Latch-Up Performance Exceeds 100mA Per
JESD 78, Class II
ESD Protection Exceeds JESD 22
–
A Port
2500V Human-Body Model (A114-B)
1500V Charged-Device Model (C101)
–
B Port
±15
kV Human-Body Model (A114-B)
1500V Charged-Device Model (C101)
SC-70-6
(SOT-363),
SOT-23-6,
SOT-23-8,
AQFN1.7X2.0-12 and AQFN1.5X1.5-8 Package
General Description
This 4-bit noninverting translator uses two separate
configurable power-supply rails. The A port is de-
signed to track VCCA. VCCA accepts any supply volt-
age from 1.2V to 3.6V. The B port is designed to
track VCCB. VCCB accepts any supply voltage from
1.65V to 5.5V. This allows for universal low-voltage
bidirectional translation between any of the 1.2V,
1.5V, 1.8V, 2.5V, 3.3V, and 5V voltage nodes. VCCA
should not exceed VCCB.
When the enable-output (EO) input is low, all
outputs are placed in the high-impedance state.
To ensure the high-impedance state during power
up or power down, EO should be tied to GND
through a pulldown resistor; the minimum value of
the resistor is determined by the current-sourcing
capability of the driver.
The G2129 is designed so that the EO input circuit is
supplied by VCCA.
This device is fully specified for partial-power-down
applications using Ioff. The Ioff circuitry disables the
outputs, preventing damaging current backflow
through the device when it is powered down.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G2129TL1U
219x
-40°C to +85°C
SC-70-6 (SOT-363)
G2129TB1U
2129x
-40°C to +85°C
SOT-23-6
G2129TM1U
2129x
-40°C to +85°C
SOT-23-8
G2129AE1U
2129
-40°C to +85°C
AQFN1.7X2.0-12
G2129A71U
29
xx
-40°C to +85°C
AQFN1.5X1.5-8
Note: TL: SC-70-6 (SOT-363)
TB: SOT-23-6
TM: SOT-23-8 AE: AQFN1.7X2.0-12 A7: AQFN1.5X1.5-8
1: Bonding Code
U: Tape & Reel
Pin Configuration
Typical Application Circuit
VCCB
B4
EO
GND
VCCA
1
2
3
4
5
6
G2129
A4
SC-70-6 (SOT-363)/
SOT-23-6
VCCA
SOT-23-8
1
2
3
4
5
6
7
8
G2129
VCCB
EO
B3
B4
GND
A3
A4
1.8V
0.1µF
1.8V
System
Controller
GND
Data
Data
A1
A2
B1
B2
GND
EO
VCCB
VCCA
Data
Data
GND
3.3V
System
0.1µF
3.3V
G2129
AQFN1.7X2.0-12
VCCA
A1
A2
A3
A4
GND
B4
B3
B2
B1
VCCB
EO
3
2
1
5
6
7
AQFN1.5X1.5-8
GND
VCCB
B3
B4
EO
VCCA
A3
A4
G2129
1
2
3
4
57
8
9
10
11
VCCB
B4
EO
GND
VCCA
1
2
3
4
5
6
G2129
A4
SC-70-6 (SOT-363)/
SOT-23-6
VCCA
SOT-23-8
1
2
3
4
5
6
7
8
G2129
VCCB
EO
B3
B4
GND
A3
A4
1.8V
0.1µF
1.8V
System
Controller
GND
Data
Data
A1
A2
B1
B2
GND
EO
VCCB
VCCA
Data
Data
GND
3.3V
System
0.1µF
3.3V
G2129
AQFN1.7X2.0-12
VCCA
A1
A2
A3
A4
GND
B4
B3
B2
B1
VCCB
EO
3
2
1
5
6
7
AQFN1.5X1.5-8
GND
VCCB
B3
B4
EO
VCCA
A3
A4
G2129
1
2
3
4
57
8
9
10
11


Similar Part No. - G2129

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G212 MPD-G212 Datasheet
75Kb / 2P
Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
logo
Multicomp Pro
G212 MULTICOMP-G212 Datasheet
221Kb / 1P
Multipurpose Enclosures
18/11/20 V1.0
G212 MULTICOMP-G212 Datasheet
304Kb / 3P
Multipurpose Boxes with Lids
14/09/20 V1.0
logo
Global Mixed-mode Techn...
G2120 GMT-G2120 Datasheet
111Kb / 1P
3 Channels, High Efficiency, Synchronous Step Down with LDO
logo
Multicomp Pro
G2120 MULTICOMP-G2120 Datasheet
328Kb / 1P
Multipurpose Enclosures
21/01/21 V1.0
More results

Similar Description - G2129

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXB0104 TI-TXB0104_08 Datasheet
971Kb / 25P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104_10 Datasheet
940Kb / 28P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 짹15-kV ESD PROTECTION
TXB0104 TI-TXB0104_11 Datasheet
968Kb / 28P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0104-Q1 TI-TXB0104-Q1 Datasheet
651Kb / 20P
4-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING AND 15-kV ESD PROTECTION
TXB0302 TI1-TXB0302 Datasheet
489Kb / 11P
2-Bit Bidirectional Voltage-Level Translator with Automatic Direction Sensing
TXS0302 TI1-TXS0302 Datasheet
277Kb / 7P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR WITH AUTOMATIC DIRECTION SENSING
logo
Union Semiconductor, In...
UM3308 UNIONSEMI-UM3308 Datasheet
309Kb / 12P
8-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
UM3302 UNIONSEMI-UM3302 Datasheet
283Kb / 13P
2-Bit Bidirectional Voltage-Level Translator with Auto Direction sensing and 짹15kV ESD Protection
UM3308 UNIONSEMI-UM3308_16 Datasheet
384Kb / 13P
8-Bit Bidirectional Voltage-Level Translator with Auto Direction Sensing and 짹15kV ESD Protection
logo
Texas Instruments
TXB0104 TI1-TXB0104_17 Datasheet
1Mb / 34P
4-Bit Bidirectional Voltage-level Translator With Automatic Direction Sensing and 15-kV ESD Protection
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com