Electronic Components Datasheet Search
  English  ▼

X  

LM4780TA Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4780TA
Description  Audio Power Amplifier Series Stereo 60W, Mono 120W Audio Power Amplifier with Mute
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4780TA Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM4780TA Datasheet HTML 6Page - National Semiconductor (TI) LM4780TA Datasheet HTML 7Page - National Semiconductor (TI) LM4780TA Datasheet HTML 8Page - National Semiconductor (TI) LM4780TA Datasheet HTML 9Page - National Semiconductor (TI) LM4780TA Datasheet HTML 10Page - National Semiconductor (TI) LM4780TA Datasheet HTML 11Page - National Semiconductor (TI) LM4780TA Datasheet HTML 12Page - National Semiconductor (TI) LM4780TA Datasheet HTML 13Page - National Semiconductor (TI) LM4780TA Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Typical Performance Characteristics (Continued)
THD+N vs Output Power/Channel
± 30V, R
L=6
Ω, 80kHz BW
THD+N vs Output Power/Channel
± 35V, R
L=8
Ω, 80kHz BW
200586E9
200586F0
Output Power/Channel
vs Supply Voltage
f = 1kHz, R
L =4
Ω, 80kHz BW
Output Power/Channel
vs Supply Voltage
f = 1kHz, R
L =6
Ω, 80kHzBW
20058625
20058626
Output Power/Channel
vs Supply Voltage
f = 1kHz, R
L =8
Ω, 80kHz BW
Total Power Dissipation
vs Output Power/Channel
1% THD (max), R
L =4
Ω, 80kHz BW
20058623
200586A6
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com