Electronic Components Datasheet Search
  English  ▼

X  

TLV5604CD Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5604CD
Description  2.7-V TO 5.5-V 10-BIT 3-關S QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5604CD Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV5604CD Datasheet HTML 6Page - Texas Instruments TLV5604CD Datasheet HTML 7Page - Texas Instruments TLV5604CD Datasheet HTML 8Page - Texas Instruments TLV5604CD Datasheet HTML 9Page - Texas Instruments TLV5604CD Datasheet HTML 10Page - Texas Instruments TLV5604CD Datasheet HTML 11Page - Texas Instruments TLV5604CD Datasheet HTML 12Page - Texas Instruments TLV5604CD Datasheet HTML 13Page - Texas Instruments TLV5604CD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
TLV5604
2.7-V TO 5.5-V 10-BIT 3-
µS QUADRUPLE DIGITAL-TO-ANALOG CONVERTERS
WITH POWER DOWN
SLAS176B – DECEMBER 1997 – REVISED JULY 2002
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
––40
–50
–70
–80
0
5
10
20
–30
–10
f – Frequency – kHz
TOTAL HARMONIC DISTORTION AND NOISE
vs
FREQUENCY
0
30
50
100
–20
–60
Vref = 1 V dc + 1 V p/p Sinewave,
Output Full Scale
Fast Mode
Figure 11
––40
–50
–70
–80
0
5
10
20
–30
–10
f – Frequency – kHz
TOTAL HARMONIC DISTORTION AND NOISE
vs
FREQUENCY
0
30
50
100
–20
–60
Vref = 1 V dc + 1 V p/p Sinewave,
Output Full Scale
Slow Mode
2000
1500
1000
0
0
200
400
600
3000
3500
t – Time – ns
SUPPLY CURRENT
vs
TIME
(WHEN ENTERING POWER-DOWN MODE)
4000
800
1000
2500
500
Figure 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com