Electronic Components Datasheet Search
  English  ▼

X  

G2020 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G2020
Description  1-Channel High Current Motor Driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2020 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G2020 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.2
Feb 02, 2012
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G2020
Global Mixed-mode Technology
1-Channel High Current Motor Driver
Features
1-Channel H-bridge driver built-in power
PMOS and NMOS.
The driver with forward, reverse, stop and
brake function.
Low stand-by and operating current.
Low on-resistance. (0.5
Ω)
Low voltage operation.
Built-in thermal shutdown function.
Package SOP-8 (FD) & DIP-8
RoHS Compliant
Applications
Toy Motor Driver
Lens Driver Application
General Description
The G2020 is a 1-channel H-bridge driver IC for DC
motor application. It has the features of low stand-by
current, low operating current, large current output and
low RDSON. Those features make it suitable for toy.
The G2020 is available in SOP-8 (FD) & DIP-8 package.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G2020F11U
G2020
-20°C to +85°C
SOP-8 (FD)
G2020Z31U
G2020
-20°C to +85°C
DIP-8
Note: F1: SOP-8 (FD)
Z3: DIP-8
1: Bonding Code
U: Tube & Reel
Pin Configuration
Typical Application Circuit
DIP-8
G2020
PGND
8
6
5
1
2
3
4
INB
AGND
OUTB
INA
VCC
VM
OUTA
7
VM
6V
VCC
3V
INA
INB
GND
VCC
G2020
VM
OUTA
OUTB
GND
10µF
16V
0.1µF
10µF
16V
0.1µF
6
7
2
8
1
3
4
0.1µF
5
DCM
INA
INB
VM
3V
VCC
3V
INA
INB
GND
VCC
G2020
VM
OUTA
OUTB
GND
10µF
16V
0.1µF
10µF
16V
0.1µF
6
7
2
8
1
3
4
0.1µF
5
DCM
INA
INB
SOP-8 (FD)
G2020
PGND
8
6
5
1
2
3
4
INB
AGND
OUTB
INA
VCC
VM
OUTA
7
Thermal
Pad
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.
DIP-8
G2020
PGND
8
6
5
1
2
3
4
INB
AGND
OUTB
INA
VCC
VM
OUTA
7
VM
6V
VCC
3V
INA
INB
GND
VCC
G2020
VM
OUTA
OUTB
GND
10µF
16V
0.1µF
10µF
16V
0.1µF
6
7
2
8
1
3
4
0.1µF
5
DCM
INA
INB
VM
3V
VCC
3V
INA
INB
GND
VCC
G2020
VM
OUTA
OUTB
GND
10µF
16V
0.1µF
10µF
16V
0.1µF
6
7
2
8
1
3
4
0.1µF
5
DCM
INA
INB
SOP-8 (FD)
G2020
PGND
8
6
5
1
2
3
4
INB
AGND
OUTB
INA
VCC
VM
OUTA
7
Thermal
Pad
Note: Recommend connecting the Thermal Pad to
the Ground for excellent power dissipation.


Similar Part No. - G2020

ManufacturerPart #DatasheetDescription
logo
Heyco.
G2020 HEYCO-G2020 Datasheet
120Kb / 1P
Rubber Push-In Bumpers
logo
Multicomp Pro
G202013B MULTICOMP-G202013B Datasheet
132Kb / 1P
Potting Box
29/04/20 V1.0
G202013L MULTICOMP-G202013L Datasheet
132Kb / 1P
Potting Box
29/04/20 V1.0
More results

Similar Description - G2020

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2943 ALLEGRO-2943 Datasheet
97Kb / 6P
HIGH-CURRENT HALF-BRIDGE MOTOR DRIVER
logo
Toshiba Semiconductor
TD62S011AFM TOSHIBA-TD62S011AFM Datasheet
86Kb / 8P
1-Channel Sink-Current Driver
05-Dec-2001
logo
Fairchild Semiconductor
FAN8010MP FAIRCHILD-FAN8010MP Datasheet
392Kb / 12P
1 Channel DC Motor Driver
logo
Infineon Technologies A...
TLD1125EL INFINEON-TLD1125EL Datasheet
1Mb / 36P
1 Channel High Side Current Source Basic LED Driver
Rev. 1.0, 2013-08-08
logo
Global Mixed-mode Techn...
G2010 GMT-G2010 Datasheet
90Kb / 1P
1-Channel DC Motor Driver for Toy
G2024 GMT-G2024 Datasheet
120Kb / 1P
1-Channel DC Motor driver for DSC
logo
TRINAMIC Motion Control...
TMC246 TRINAMIC-TMC246_14 Datasheet
611Kb / 28P
High current microstep stepper motor driver
TMC249 TRINAMIC-TMC249_11 Datasheet
844Kb / 30P
High current microstep stepper motor driver
TMC246B-PA TRINAMIC-TMC246B-PA Datasheet
727Kb / 28P
High current microstep stepper motor driver
TMC249 TRINAMIC-TMC249_16 Datasheet
844Kb / 30P
High current microstep stepper motor driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com