Electronic Components Datasheet Search
  English  ▼

X  

G2012 Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # G2012
Description  42CH serial input motor driver IC for DSC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G2012 Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  G2012 Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 0.1
Sep 02, 2010
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G2012
Global Mixed-mode Technology Inc.
4+2CH serial input motor driver IC for DSC
Features
Built in 4+1 full-swing/constant voltage drivers
switched by serial control with brake function
Built in 1 constant current drivers for shutter or
IRIS
Low on-resistance (1.2
Ω, sum of on-resistance of
upside and bottom side)
Output current:IOUT<=0.8A(max.) for each channel
Build-in thermal shutdown (TSD, 150°C)
CH1/2 corresponds to STM control of 2-2 phase or
1-2 phase
Built in exclusive control mode: CH13/23
the
combination control mode of 6CH is set
Power save mode corresponds by serial control
setup
PI (photo interrupter drive) 1 channel built-in.
Small 20TQFN (3
×3mm) is adopted
Applications
Stepping motor driver/ DC motor driver motor
driver for DSC
General Description
G2012 is a 4+2-channel H-Bridge motor drivers IC for the
digital camera and so on. It has four full-swing/constant
voltage drivers and one full-swing/constant current drivers.
G2012 can be operated in serial control mode or partial
exterior control mode. When operating in partial exterior
control mode, the mode of each CH is fixed by initial
serial control setting. When operating in serial control
mode, the mode of each driver can be setting by serial
control.
Ordering Information
ORDER
NUMBER
MARKING
TEMP.
RANGE
PACKAGE
(Green)
G2012RZ1U
2012
-20°C to +85°C
TQFN3X3-20
Note: RZ: TQFN3X3-20
1: Bonding Code
U: Tape & Reel
Pin Configurations
CH1~3 : CV/FS
CH4
: CC/FS
CH5
: CV/FS
Note: Thermal Pad must connect to Ground.
TQFN3X3-20
1
2
3
4
511
12
13
14
15
Thermal
Pad
OUT2A
OUT1B
OUT2B
VM
OUT3A
PI1
IN1
IN2
IN3
IN4
21 GND
Note: Thermal Pad must connect to Ground.
TQFN3X3-20
1
2
3
4
511
12
13
14
15
Thermal
Pad
OUT2A
OUT1B
OUT2B
VM
OUT3A
PI1
IN1
IN2
IN3
IN4
21 GND


Similar Part No. - G2012

ManufacturerPart #DatasheetDescription
logo
Heyco.
G2012 HEYCO-G2012 Datasheet
98Kb / 1P
Rubber Push-In Bumpers
logo
Goford Semiconductor
G2012 GOFORD-G2012 Datasheet
937Kb / 6P
N-Channel Enhancement Mode Power MOSFET
G2012A GOFORD-G2012A Datasheet
1,006Kb / 6P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - G2012

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT5557 AIMTRON-AT5557 Datasheet
354Kb / 20P
Serial Input 6CH Motor Driver for DSC
logo
Global Mixed-mode Techn...
G2009 GMT-G2009 Datasheet
91Kb / 1P
42CH serial input motor driver IC for DSC
G2008 GMT-G2008 Datasheet
51Kb / 1P
42 CH serial input motor driver IC for DSC
G2007 GMT-G2007 Datasheet
92Kb / 1P
6CH serial input motor driver IC for DSC
G2005 GMT-G2005 Datasheet
69Kb / 1P
51CH serial input motor driver IC for DSC
G2002 GMT-G2002 Datasheet
61Kb / 1P
51CH serial input motor driver IC for DSC
G2001 GMT-G2001 Datasheet
95Kb / 1P
61CH serial input motor driver IC for DSC
G2030 GMT-G2030 Datasheet
53Kb / 1P
51CH serial input motor driver IC for DSC
G2028 GMT-G2028 Datasheet
71Kb / 1P
51CH serial input motor driver IC for DSC
G2018 GMT-G2018 Datasheet
105Kb / 1P
51CH serial input motor driver IC for DSC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com