Electronic Components Datasheet Search
  English  ▼

X  

BF801M Datasheet(PDF) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

Part # BF801M
Description  Low Capacitance and Insertion Loss
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BENCENT [Shenzhen Bencent Electronics Co., Ltd.]
Direct Link  http://en.bencent.com.cn/en/home/index.asp
Logo BENCENT - Shenzhen Bencent Electronics Co., Ltd.

BF801M Datasheet(HTML) 1 Page - Shenzhen Bencent Electronics Co., Ltd.

  BF801M Datasheet HTML 1Page - Shenzhen Bencent Electronics Co., Ltd. BF801M Datasheet HTML 2Page - Shenzhen Bencent Electronics Co., Ltd. BF801M Datasheet HTML 3Page - Shenzhen Bencent Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/3
BF801M
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications
www.bencent.com.cn
Order Code:
BF801M
Gas Discharge Tube
Version: A0 2013-10-30
`
Small Size Design 4.2×5.0×5.0mm Current
Handling Capability 3,000A @ 8/20 s
μ
Low Capacitance and Insertion Loss
Fast Response and Long Service Life
Moisture sensitivity level
:Level 1
Electrical Parameter
AC Power
Schematic Symbol
Application information
Package (Top View)
Features
Exterior
SMD
1
2
1
2
Agency Approvals
DC Breakdown Voltage 1)2)
100V/s
640-960
V
Impulse Spark-over Voltage
At 1kV/μs
for 99 % of measured values  1600
V
At 1kV/μs
Typical values of distribution  1500
V
Impulse Discharge Current 3)
8/20μs
3,000
A
Arc Voltage
At 1A
~15
V
Insulation Resistance
DC=100V
≥1
GΩ
Capacitance at 1MHz
VDC=0.5V
≤1.0
pF
Weight
~0.5
g
Operating
And Storage Temperature
-40-90
℃
Marking
Without
1) At delivery AQL 0.65 level II
GB/T 2828.1-2003
2) In ionized mode
3) Terms and waveforms in accordance with ITU-T Rec. K. 12; IEC 61643-21
Icon
Description
Compliance with 2011/65/EU
Compliance with IEC61249-2-21:2003
Mean lead free
UL Certificated E232249


Similar Part No. - BF801M

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
BF801 AMMSEMI-BF801 Datasheet
116Kb / 1P
Discrete Semiconductors
logo
CoolCox Limited All rig...
BF8018 COOLCOX-BF8018 Datasheet
334Kb / 1P
DC Axial Fan 80x80x17.5mm
BF8018H05D COOLCOX-BF8018H05D Datasheet
334Kb / 1P
DC Axial Fan 80x80x17.5mm
BF8018H05S COOLCOX-BF8018H05S Datasheet
334Kb / 1P
DC Axial Fan 80x80x17.5mm
BF8018H12D COOLCOX-BF8018H12D Datasheet
334Kb / 1P
DC Axial Fan 80x80x17.5mm
More results

Similar Description - BF801M

ManufacturerPart #DatasheetDescription
logo
Shenzhen Bencent Electr...
B3D230L-CD BENCENT-B3D230L-CD Datasheet
310Kb / 3P
Low Capacitance and Insertion Loss
B3D350M-R BENCENT-B3D350M-R Datasheet
270Kb / 3P
Low Capacitance and Insertion Loss
B3D1000L1-C BENCENT-B3D1000L1-C Datasheet
344Kb / 3P
Low Capacitance and Insertion Loss
BA301N-D BENCENT-BA301N-D Datasheet
259Kb / 3P
Low Capacitance and Insertion Loss
BC601N BENCENT-BC601N Datasheet
260Kb / 3P
Low Capacitance and Insertion Loss
BD122-1 BENCENT-BD122-1 Datasheet
289Kb / 3P
Low Capacitance and Insertion Loss
BF091M BENCENT-BF091M Datasheet
207Kb / 3P
Low Capacitance and Insertion Loss
BF102M BENCENT-BF102M Datasheet
231Kb / 3P
Low Capacitance and Insertion Loss
BF231M BENCENT-BF231M Datasheet
181Kb / 3P
Low Capacitance and Insertion Loss
BM601M BENCENT-BM601M Datasheet
272Kb / 3P
Low Capacitance and Insertion Loss
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com