Electronic Components Datasheet Search
  English  ▼

X  

C5803 Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # C5803
Description  High Voltage Color Display Horizontal Deflection Output(No Damper Diode)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

C5803 Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  C5803 Datasheet HTML 1Page - KEC(Korea Electronics) C5803 Datasheet HTML 2Page - KEC(Korea Electronics) C5803 Datasheet HTML 3Page - KEC(Korea Electronics) C5803 Datasheet HTML 4Page - KEC(Korea Electronics) C5803 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
Typical Characteristics (Continued)
Figure 7. Switching Time
Figure 8. Safe Operating Area
Figure 9. Reverse Bias Safe Operating Area
Figure 10. Power Derating
0.1
1
10
0.1
1
10
RESISTIVE
Vcc=200V
Ic=7A
Ib1=1.4A
tf
tstg
-IB2[A], BASE CURRENT
1
10
100
1000
0.01
0.1
1
10
100
SINGLE PULSE
Tc=25℃
100
µs
10
µs
1ms
DC
10ms
100ms
VCE[V], COLLECTOR-EMITTER VOLTAGE
10
100
1000
10000
0.1
1
10
100
Ic=5Ib1=5Ib2
L=500
µH
SINGLE PULSE
Ib2=-1AConst
(at Ic>5A)
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
0
10
20
30
40
50
60
70
80
TC[℃], CASE TEMPERATURE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com